Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G04 Datasheet (PDF) - Texas Instruments

SN74LVC2G04 Datasheet PDF - Texas Instruments
Part # SN74LVC2G04
Download  SN74LVC2G04 Download
File Size   960.96 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G04 Dual Inverter Gate

SN74LVC2G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G04 Datasheet PDF - Texas Instruments

Part # SN74LVC2G04
Download  SN74LVC2G04 Click to download

File Size   960.96 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G04 Dual Inverter Gate

SN74LVC2G04 Datasheet (HTML) - Texas Instruments


SN74LVC2G04 Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 4.1 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Typical VOLP (Output Ground Bounce)
<0.8 V at V CC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Ioff Supports Partial-Power-Down Mode Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• IP Phones: Wired and Wireless
• Optical Modules
• Optical Networking: EPON and Video Over Fiber
• Point-to-Point Microwave Backhaul
• Power: Telecom DC/DC Module: Analog and
Digital
• Private Branch Exchanges (PBX)
• TETRA Base Exchanges
• Telecom Base Band Units
• Telecom Shelters: Power Distribution Units (PDU),
Power Monitoring Units (PMU), Wireless Battery
Monitoring, Remote Electrical Tilt Units (RET),
Remote Radio Units (RRU), Tower Mounted
Amplifiers (TMA)
• Vector Signal Analyzers and Generators
• Video Converencing: IP-Based HD
• WiMAX and Wireless Infrastructure Equipment
• Wireless Communications Testers and Wireless
Repeaters
• xDSL Modems and DSLAM

3 Description
This dual inverter is designed for 1.65-V to 5.5-V VCC
operation. The SN74LVC2G04 device performs the
Boolean function Y = A.
NanoFree package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC2G04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
366Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
388Kb / 15P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
518Kb / 14P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
635Kb / 15P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
737Kb / 16P
DUAL INVERTER GATE
More results


Similar Description - SN74LVC2G04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04_1 Datasheet
598Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
DUAL INVERTER GATE
logo
Diodes Incorporated
74LVC2G04 DIODES-74LVC2G04 Datasheet
226Kb / 12P
DUAL INVERTER GATE
Rev 3
logo
Texas Instruments
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI1-SN74LVC2G04_18 Datasheet
1Mb / 26P
Dual Inverter Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com