Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G14-Q1 Datasheet (PDF) - Texas Instruments

SN74LVC2G14-Q1 Datasheet PDF - Texas Instruments
Part # SN74LVC2G14-Q1
Download  SN74LVC2G14-Q1 Download
File Size   888.95 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G14-Q1 Automotive Dual Schmitt-Trigger Inverter

SN74LVC2G14-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G14-Q1 Datasheet PDF - Texas Instruments

Part # SN74LVC2G14-Q1
Download  SN74LVC2G14-Q1 Click to download

File Size   888.95 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G14-Q1 Automotive Dual Schmitt-Trigger Inverter

SN74LVC2G14-Q1 Datasheet (HTML) - Texas Instruments


SN74LVC2G14-Q1 Product details

1 Features
• Qualified for automotive applications
• Supports 5V VCC operation
• Inputs accept voltages to 5.5V
• Max tpd of 5.4ns at 3.3V
• Low power consumption, 10μA max ICC
• ±24mA output drive at 3.3V
• Typical VOLP (output ground bounce)
<0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
>2V at VCC = 3.3V, TA = 25°C
• Ioff feature supports partial-power-down mode
operation
• Latch-up performance exceeds 100mA per JESD
78, class II

2 Description
This dual Schmitt-trigger inverter is designed for
1.65V to 5.5V VCC operation.




Similar Part No. - SN74LVC2G14-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14-Q1 TI1-SN74LVC2G14-Q1 Datasheet
1Mb / 24P
Dual Schmitt-Trigger Inverter
SN74LVC2G14-Q1 TI2-SN74LVC2G14-Q1 Datasheet
816Kb / 26P
SN74LVC2G14 Dual Schmitt-Trigger Inverter
REVISED AUGUST 2015
More results


Similar Description - SN74LVC2G14-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS14-Q1 TI1-SN74HCS14-Q1 Datasheet
226Kb / 15P
SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74LVC1G14-Q1 TI1-SN74LVC1G14-Q1_V01 Datasheet
1Mb / 20P
SN74LVC1G14-Q1 Single Schmitt-Trigger Inverter
SN74HCS04-Q1 TI1-SN74HCS04-Q1_V01 Datasheet
968Kb / 22P
SN74HCS04-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS04-Q1 TI-SN74HCS04-Q1_V02 Datasheet
1Mb / 28P
SN74HCS04-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V02 Datasheet
1Mb / 28P
SN74HCS14-Q1 Automotive Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74AHC14Q-Q1 TI-SN74AHC14Q-Q1_V01 Datasheet
1Mb / 25P
SN74AHC14Q-Q1 Automotive Hex Schmitt-Trigger Inverter
REVISED JUNE 2023
SN74AHCT14Q-Q1 TI-SN74AHCT14Q-Q1_V01 Datasheet
1Mb / 20P
SN74AHCT14Q-Q1 Automotive Hex Schmitt-Trigger Inverter
REVISED JUNE 2023
SN74AHC1G14-Q1 TI1-SN74AHC1G14-Q1 Datasheet
975Kb / 22P
SN74AHC1G14-Q1 Automotive Single Schmitt-Trigger Inverter Gate
AUGUST 2023
SN74AHCT1G14-Q1 TI1-SN74AHCT1G14-Q1 Datasheet
923Kb / 22P
SN74AHCT1G14-Q1 Automotive Single Schmitt-Trigger Inverter Gate
AUGUST 2023
SN74AHC1G14-Q1 TI-SN74AHC1G14-Q1_V01 Datasheet
1Mb / 26P
SN74AHC1G14-Q1 Automotive Single Schmitt-Trigger Inverter Gate
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com