Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G32-Q1 Datasheet (PDF) - Texas Instruments

SN74LVC2G32-Q1 Datasheet PDF - Texas Instruments
Part # SN74LVC2G32-Q1
Download  SN74LVC2G32-Q1 Download
File Size   849.54 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL TWO-INPUT POSITIVE-OR GATE

SN74LVC2G32-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G32-Q1 Datasheet PDF - Texas Instruments

Part # SN74LVC2G32-Q1
Download  SN74LVC2G32-Q1 Click to download

File Size   849.54 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL TWO-INPUT POSITIVE-OR GATE

SN74LVC2G32-Q1 Datasheet (HTML) - Texas Instruments


SN74LVC2G32-Q1 Product details

1FEATURES
2• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following
Results:
– Device Temperature Grade 1: –40°C to
125°C Ambient Operating Temperature
Range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C3B
• Inputs Accept Voltages to 5.5 V
• Max Propagation (Delay) Time of 3.8 ns at 3.3
V
• Low Power Consumption, 10-μA Max Supply
Current
• ±24-mA Output Drive at 3.3 V
• Typical Voltage Output Low Peak (Output
Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
• Typical Voltage Output High Valley (VOH
Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
• Ioff State Current Supports Partial-Power-Down
Mode Operation

APPLICATIONS
• Automotive
• Logic and Gates

Y  AB or Y  A • B
DESCRIPTION
This dual two-input positive-OR gate is designed for 1.65-V to 5.5-V collector supply voltage operation.
The SN74LVC2G32-Q1 performs the Boolean function in positive logic.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using the off-state current. The off-state current
circuitry disables the outputs, preventing damaging current backflow through the device when it is powered
down.




Similar Part No. - SN74LVC2G32-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G32-Q1 TI1-SN74LVC2G32-Q1 Datasheet
754Kb / 12P
DUAL TWO-INPUT POSITIVE-OR GATE
SN74LVC2G32-Q1 TI2-SN74LVC2G32-Q1 Datasheet
719Kb / 26P
SN74LVC2G32 Dual 2-Input Positive-OR Gate
REVISED SEPTEMBER 2015
More results


Similar Description - SN74LVC2G32-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G32 TI-SN74LVC2G32 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE-OR GATE
SN74AUC2G32 TI-SN74AUC2G32 Datasheet
233Kb / 10P
DUAL 2 INPUT POSITIVE OR GATE
SN74AUC2G32 TI-SN74AUC2G32_09 Datasheet
529Kb / 13P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32 Datasheet
158Kb / 6P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74LVC2G32-EP TI1-SN74LVC2G32-EP Datasheet
420Kb / 11P
DUAL 2-INPUT POSITIVE-OR GATE
SN74AUC2G32YZTR TI-SN74AUC2G32YZTR Datasheet
823Kb / 15P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32_15 Datasheet
158Kb / 6P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74LVC2G32 TI1-SN74LVC2G32_15 Datasheet
914Kb / 22P
Dual 2-Input Positive-OR Gate
SN74AHC2G32 TI1-SN74AHC2G32 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-OR GATE
SN74LVC2G32-Q1 TI1-SN74LVC2G32-Q1 Datasheet
754Kb / 12P
DUAL TWO-INPUT POSITIVE-OR GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com