Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G66-Q1 Datasheet (PDF) - Texas Instruments

SN74LVC2G66-Q1 Datasheet PDF - Texas Instruments
Part # SN74LVC2G66-Q1
Download  SN74LVC2G66-Q1 Download
File Size   953.47 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G66-Q1 Automotive Dual Bilateral Analog Switch

SN74LVC2G66-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G66-Q1 Datasheet PDF - Texas Instruments

Part # SN74LVC2G66-Q1
Download  SN74LVC2G66-Q1 Click to download

File Size   953.47 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G66-Q1 Automotive Dual Bilateral Analog Switch

SN74LVC2G66-Q1 Datasheet (HTML) - Texas Instruments


SN74LVC2G66-Q1 Product details

1 Features
• Functional safety-capable
– Documentation available to aid functional safety
system design
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD classification level H2
– Device CDM ESD classification level C3B
• 1.65 V to 5.5 V VCC operation
• Inputs accept voltages to 5.5 V
• High on-off output voltage ratio
• High degree of linearity
• High speed, typically 0.5 ns
(VCC = 3 V, CL = 50 pF)
• Rail-to-rail input output
• Low on-state resistance, typically ≉6 Ω
(VCC = 4.5 V)

2 Applications
• Wireless devices
• Audio and video signal routing
• Portable computing
• Wearable devices
• Signal gating, chopping, modulation or
demodulation (modem)
• Signal multiplexing for analog-to-digital and digitalto-
analog conversion systems

3 Description
The design of this dual bilateral analog switch is for
1.65 V to 5.5 V VCC operation. The SN74LVC2G66-
Q1 can handle both analog and digital signals. The
device permits signals with amplitudes of up to 5.5
V (peak) to be transmitted in either direction. Each
switch section has its own enable-input control (C). A
high-level voltage applied to C turns on the associated
switch section.
Applications include signal gating, chopping,
modulation or demodulation (modem), and signal
multiplexing for analog-to-digital and digital-to-analog
conversion systems.




Similar Part No. - SN74LVC2G66-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
868Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI2-SN74LVC2G66-Q1 Datasheet
836Kb / 31P
SN74LVC2G66 Dual Bilateral Analog Switch
REVISED AUGUST 2018
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
DUAL BILATERAL ANALOG SWITCH
More results


Similar Description - SN74LVC2G66-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
SN74LVC2G66 Dual Bilateral Analog Switch
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
DUAL BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
SN74LVC1G66-Q1 Single Bilateral Analog Switch
SN74LVC2G66 TI-SN74LVC2G66_15 Datasheet
991Kb / 27P
SN74LVC2G66 Dual Bilateral Analog Switch
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
DUAL BILATERAL ANALOG SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com