Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G66 Datasheet (PDF) - Texas Instruments

SN74LVC2G66 Datasheet PDF - Texas Instruments
Part # SN74LVC2G66
Download  SN74LVC2G66 Download
File Size   836.84 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G66 Dual Bilateral Analog Switch

SN74LVC2G66 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G66 Datasheet PDF - Texas Instruments

Part # SN74LVC2G66
Download  SN74LVC2G66 Click to download

File Size   836.84 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G66 Dual Bilateral Analog Switch

SN74LVC2G66 Datasheet (HTML) - Texas Instruments


SN74LVC2G66 Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ Package
• 1.65-V to 5.5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 0.8 ns at 3.3 V
• High On-Off Output Voltage Ratio
• High Degree of Linearity
• High Speed, Typically 0.5 ns
(VCC = 3 V, CL = 50 pF)
• Rail-to-Rail Input/Output
• Low ON-State Resistance, Typically ≉6 Ω
(VCC = 4.5 V)
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II

2 Applications
• Wireless Devices
• Audio and Video Signal Routing
• Portable Computing
• Wearable Devices
• Signal Gating, Chopping, Modulation or
Demodulation (Modem)
• Signal Multiplexing for Analog-to-Digital and
Digital-to-Analog Conversion Systems

3 Description
This dual bilateral analog switch is designed for
1.65-V to 5.5-V VCC operation.
The SN74LVC2G66 device can handle both analog
and digital signals. The SN74LVC2G66 device
permits signals with amplitudes of up to 5.5 V (peak)
to be transmitted in either direction.
NanoFree package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
Each switch section has its own enable-input control
(C). A high-level voltage applied to C turns on the
associated switch section.
Applications include signal gating, chopping,
modulation or demodulation (modem), and signal
multiplexing for analog-to-digital and digital-to-analog
conversion systems.




Similar Part No. - SN74LVC2G66

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
585Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66 Datasheet
981Kb / 23P
SN74LVC2G66 Dual Bilateral Analog Switch
SN74LVC2G66 TI2-SN74LVC2G66 Datasheet
953Kb / 26P
SN74LVC2G66-Q1 Automotive Dual Bilateral Analog Switch
REVISED OCTOBER 2021
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
DUAL BILATERAL ANALOG SWITCH
More results


Similar Description - SN74LVC2G66

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
SN74LVC2G66 Dual Bilateral Analog Switch
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66_15 Datasheet
991Kb / 27P
SN74LVC2G66 Dual Bilateral Analog Switch
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
DUAL BILATERAL ANALOG SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com