Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC3G17 Datasheet (PDF) - Texas Instruments

SN74LVC3G17 Datasheet PDF - Texas Instruments
Part # SN74LVC3G17
Download  SN74LVC3G17 Download
File Size   797.52 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC3G17 Triple Schmitt-Trigger Buffer

SN74LVC3G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC3G17 Datasheet PDF - Texas Instruments

Part # SN74LVC3G17
Download  SN74LVC3G17 Click to download

File Size   797.52 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC3G17 Triple Schmitt-Trigger Buffer

SN74LVC3G17 Datasheet (HTML) - Texas Instruments


SN74LVC3G17 Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Maximum tpd of 5.4 ns at 3.3 V
• Low Power Consumption, 10-μA Maximum ICC
• ±24-mA Output Drive at 3.3 V
• Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical V OHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• I off Supports Live Insertion, Partial-Power-Down
Mode and Back Drive Protection
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• AV Receivers
• Audio Docks: Portable
• Blu-ray® Players and Home Theater
• MP3 Players/Recorders
• Personal Digital Assistants (PDAs)
• Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
• Solid State Drives (SSDs): Client and Enterprise
• TVs: LCD/Digital and High-Definition (HDTVs)
• Tablets: Enterprise
• Video Analytics: Server
• Wireless Headsets, Keyboards, and Mice

3 Description
This triple Schmitt-trigger buffer is designed for
1.65-V to 5.5-V VCC operation.
The SN74LVC3G17 device contains three buffers
and performs the Boolean function Y = A. The device functions as three independent buffers but, because
of Schmitt action, it may have different input threshold
levels for positive-going (VT+) and negative-going
(VT–) signals.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.
NanoFree package technology is a major
breakthrough in IC packaging concepts, using the die as the package.




Similar Part No. - SN74LVC3G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G17 TI-SN74LVC3G17 Datasheet
260Kb / 12P
TRIPLE SCHMITT TRIGGER BUFFER
SN74LVC3G17DCTR TI-SN74LVC3G17DCTR Datasheet
260Kb / 12P
TRIPLE SCHMITT TRIGGER BUFFER
SN74LVC3G17DCTR TI1-SN74LVC3G17DCTR Datasheet
994Kb / 23P
Triple Schmitt-Trigger Buffer
SN74LVC3G17DCTRE4 TI1-SN74LVC3G17DCTRE4 Datasheet
994Kb / 23P
Triple Schmitt-Trigger Buffer
SN74LVC3G17DCTRG4 TI1-SN74LVC3G17DCTRG4 Datasheet
994Kb / 23P
Triple Schmitt-Trigger Buffer
More results


Similar Description - SN74LVC3G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G17 TI-SN74LVC3G17 Datasheet
260Kb / 12P
TRIPLE SCHMITT TRIGGER BUFFER
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
87Kb / 8P
Triple Noninverting Schmitt-Trigger Buffer
May, 2003 - Rev. 3
NL37WZ17 ONSEMI-NL37WZ17_06 Datasheet
70Kb / 6P
Triple Noninverting Schmitt-Trigger Buffer
April, 2006 ??Rev. 5
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NL37WZ17 ONSEMI-NL37WZ17_12 Datasheet
105Kb / 5P
Triple Noninverting Schmitt-Trigger Buffer
April, 2012 ??Rev. 7
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
Triple Schmitt-Trigger Buffer
logo
ON Semiconductor
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
NL37WZ17 ONSEMI-NL37WZ17_13 Datasheet
113Kb / 5P
Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
NL37WZ17 ONSEMI-NL37WZ17_V01 Datasheet
268Kb / 12P
Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
logo
Diodes Incorporated
74LVC3G17 DIODES-74LVC3G17 Datasheet
626Kb / 9P
TRIPLE SCHMITT-TRIGGER BUFFER
November 2022 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com