Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1919 Datasheet (PDF) - Adafruit Industries

1919 Datasheet PDF - Adafruit Industries
Part # 1919
Download  1919 Download
File Size   86.88 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Female-Female 2.54 to 2.0mm Jumper Wires x 40

1919 Datasheet (PDF)

Go To PDF Page Download Datasheet
1919 Datasheet PDF - Adafruit Industries

Part # 1919
Download  1919 Click to download

File Size   86.88 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Female-Female 2.54 to 2.0mm Jumper Wires x 40

1919 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1919

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1919 ETC2-1919 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Keystone Electronics Co...
1919 KEYSTONE-1919 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Festo Corporation.
19190 FESTO-19190 Datasheet
43Kb / 2P
ISO cylinder
191900 FESTO-191900 Datasheet
81Kb / 1P
Adapter kit
191901 FESTO-191901 Datasheet
110Kb / 1P
Adapter kit
More results


Similar Description - 1919

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200160FD SUYIN-USA-200160FD Datasheet
102Kb / 1P
2.0mm MINI-JUMPER
200372FS SUYIN-USA-200372FS Datasheet
162Kb / 1P
2.0mm BATTERY FEMALE DIP TYPE
logo
List of Unclassifed Man...
BU-5200-A-4-0 ETC2-BU-5200-A-4-0 Datasheet
86Kb / 1P
BNC Female Breakout to Tinned End Wires
logo
KOA Speer Electronics, ...
JL6CT52R KOA-JL6CT52R Datasheet
773Kb / 1P
Insulated Jumper Wires
logo
Adam Technologies, Inc.
DMS-B-C-F-B ADAM-TECH-DMS-B-C-F-B Datasheet
71Kb / 1P
2.54 TERMINAL FEMALE
logo
Rosenberger Hochfrequen...
SLJ12SP-53F60F-X-00 ROSENBERGER-SLJ12SP-53F60F-X-00 Datasheet
550Kb / 2P
1/2??JUMPER N FEMALE / 7-16 FEMALE
logo
Pasternack Enterprises,...
PE7323-40 PASTERNACK-PE7323-40 Datasheet
351Kb / 3P
40 dB Fixed Attenuator, N Female To N Female
logo
TE Connectivity Ltd
C-2270299 TEC-C-2270299 Datasheet
221Kb / 1P
JUMPER ASSEMBLY, PV4-S FEMALE TO MC4 MALE
logo
SparkFun Electronics
PRT-08614 SPARKFUN-PRT-08614 Datasheet
96Kb / 2P
Jumper Wire - Female to Female Connector
9??8??7
logo
Wurth Elektronik GmbH &...
61900113722 WURTH-61900113722 Datasheet
805Kb / 2P
2.54 MM FEMALE CRIMP TERMINAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com