Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2072 Datasheet (PDF) - Adafruit Industries

2072 Datasheet PDF - Adafruit Industries
Part # 2072
Download  2072 Download
File Size   367.4 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Carbide Square End Mill - 1/8" Shaft - 0.5mm Diameter

2072 Datasheet (PDF)

Go To PDF Page Download Datasheet
2072 Datasheet PDF - Adafruit Industries

Part # 2072
Download  2072 Click to download

File Size   367.4 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Carbide Square End Mill - 1/8" Shaft - 0.5mm Diameter

2072 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2072

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
2072 SENSATA-2072 Datasheet
232Kb / 3P
2072 MXSL PROGRAMMING HARNESS
REV 1 5/14/2018
logo
Keystone Electronics Co...
2072 KEYSTONE-2072 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
RAF ELECTRONIC HARDWARE
2072-440-AL RAF-2072-440-AL Datasheet
91Kb / 1P
3/16 HEX FEMALE STANDOFFS
logo
IBM
2072-AL81 IBM-2072-AL81 Datasheet
215Kb / 48P
IBM Storwize V5000E models deliver innovative and simplified storage with enhanced performance to meet the growing needs of small and medium organizations
April 9, 2019
logo
Atom Lighting
20720 ATOM-20720 Datasheet
118Kb / 2P
AT9232 Assembly
31st of January 2025 06:56:32
More results


Similar Description - 2072

ManufacturerPart #DatasheetDescription
logo
Bi technologies
2694 BITECH-2694 Datasheet
147Kb / 1P
Turns Counting Dial 7/8 Diameter Analog For 6 mm shaft
2696 BITECH-2696 Datasheet
147Kb / 1P
Turns Counting Dial 7/8 Diameter Analog For 1/4??Shaft
logo
List of Unclassifed Man...
RV4LAYSA153A ETC2-RV4LAYSA153A Datasheet
152Kb / 3P
Precision Series K - 2 Watt 1/4 shaft diameter
SM-17HS4023 ETC-SM-17HS4023 Datasheet
180Kb / 2P
Shaft diameter 5mm
logo
SparkFun Electronics
ROB-12137 SPARKFUN-ROB-12137 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 7.00L)
2/11/2016
ROB-12193 SPARKFUN-ROB-12193 Datasheet
136Kb / 1P
Shaft Spacer - 1
8/4/2016
ROB-12244 SPARKFUN-ROB-12244 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 1/8
1/15/2016
ROB-12363 SPARKFUN-ROB-12363 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 8.00L)
2/11/2016
ROB-12477 SPARKFUN-ROB-12477 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 3/8
1/15/2016
ROB-12555 SPARKFUN-ROB-12555 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 2.75L)
2/11/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com