Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2073 Datasheet (PDF) - Adafruit Industries

2073 Datasheet PDF - Adafruit Industries
Part # 2073
Download  2073 Download
File Size   384.65 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Carbide Square End Mill - 1/8" Shaft - 0.6mm Diameter

2073 Datasheet (PDF)

Go To PDF Page Download Datasheet
2073 Datasheet PDF - Adafruit Industries

Part # 2073
Download  2073 Click to download

File Size   384.65 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Carbide Square End Mill - 1/8" Shaft - 0.6mm Diameter

2073 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2073

ManufacturerPart #DatasheetDescription
logo
Heyco.
2073 HEYCO-2073 Datasheet
133Kb / 1P
Snap Bushings
logo
Keystone Electronics Co...
2073 KEYSTONE-2073 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
Atom Lighting
20730 ATOM-20730 Datasheet
120Kb / 2P
AT9232 Assembly
31st of January 2025 06:56:37
logo
TE Connectivity Ltd
207303-1 TEC-207303-1 Datasheet
2Mb / 6P
Circular Power Connectors, Connector Assembly, 250 VDC, Wire-to-Panel / Wire-to-Board, 16 Position, Receptacle, Pin, Signal, Black, AMP CPC
06/13/2023 09:15AM
207304 TEC-207304 Datasheet
332Kb / 5P
Self-Locking Metrimate Connectors
Rev A
More results


Similar Description - 2073

ManufacturerPart #DatasheetDescription
logo
Bi technologies
2694 BITECH-2694 Datasheet
147Kb / 1P
Turns Counting Dial 7/8 Diameter Analog For 6 mm shaft
2696 BITECH-2696 Datasheet
147Kb / 1P
Turns Counting Dial 7/8 Diameter Analog For 1/4??Shaft
logo
List of Unclassifed Man...
RV4LAYSA153A ETC2-RV4LAYSA153A Datasheet
152Kb / 3P
Precision Series K - 2 Watt 1/4 shaft diameter
SM-17HS4023 ETC-SM-17HS4023 Datasheet
180Kb / 2P
Shaft diameter 5mm
logo
SparkFun Electronics
ROB-12137 SPARKFUN-ROB-12137 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 7.00L)
2/11/2016
ROB-12193 SPARKFUN-ROB-12193 Datasheet
136Kb / 1P
Shaft Spacer - 1
8/4/2016
ROB-12244 SPARKFUN-ROB-12244 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 1/8
1/15/2016
ROB-12363 SPARKFUN-ROB-12363 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 8.00L)
2/11/2016
ROB-12477 SPARKFUN-ROB-12477 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 3/8
1/15/2016
ROB-12555 SPARKFUN-ROB-12555 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 2.75L)
2/11/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com