Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40200 Datasheet (PDF) - Microsemi Corporation

ZL40200 Datasheet PDF - Microsemi Corporation
Part # ZL40200
Download  ZL40200 Download
File Size   568.29 Kbytes
Page   25 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 1:2 LVPECL Fanout Buffer

ZL40200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40200 Datasheet PDF - Microsemi Corporation

Part # ZL40200
Download  ZL40200 Click to download

File Size   568.29 Kbytes
Page   25 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 1:2 LVPECL Fanout Buffer

ZL40200 Datasheet (HTML) - Microsemi Corporation


ZL40200 Product details

Features
Inputs/Outputs
•Accepts differential or single-ended input
• LVPECL, LVDS, CML, HCSL, LVCMOS
•Two precision LVPECL outputs
•Operating frequency up to 750 MHz
Power
•Options for 2.5 V or 3.3 V power supply
•Core current consumption of 49 mA
•On-chip Low Drop Out (LDO) Regulator for superior power supply rejection
Performance
•Ultra low additive jitter of 39 fs RMS
Applications
•General purpose clock distribution
•Low jitter clock trees
•Logic translation
•Clock and data signal restoration
•Wired communications: OTN, SONET/SDH, GE, 10 GE, FC and 10G FC
•PCI Express generation 1/2/3 clock distribution
•Wireless communications
•High performance microprocessor clock distribution




Similar Part No. - ZL40200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40201 MICROSEMI-ZL40201 Datasheet
602Kb / 24P
Precision 1:2 LVPECL Fanout Buffer
April 2014
ZL40201LDF1 MICROSEMI-ZL40201LDF1 Datasheet
602Kb / 24P
Precision 1:2 LVPECL Fanout Buffer
April 2014
ZL40201LDG1 MICROSEMI-ZL40201LDG1 Datasheet
602Kb / 24P
Precision 1:2 LVPECL Fanout Buffer
April 2014
ZL40202 MICROSEMI-ZL40202 Datasheet
589Kb / 25P
Precision 1:4 LVPECL Fanout Buffer
April 2014
ZL40202LDF1 MICROSEMI-ZL40202LDF1 Datasheet
589Kb / 25P
Precision 1:4 LVPECL Fanout Buffer
April 2014
More results


Similar Description - ZL40200

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58012U MICREL-SY58012U_07 Datasheet
133Kb / 9P
5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89846U MICREL-SY89846U_11 Datasheet
689Kb / 15P
1.5GHz Precision, LVPECL 1:5 Fanout with 2:1
SY89464U MICREL-SY89464U_10 Datasheet
720Kb / 19P
Precision LVPECL 1:10 Fanout with 2:1 Runt
SY89221U_0708 MICREL-SY89221U_0708 Datasheet
834Kb / 17P
Precision 1:15 LVPECL Fanout Buffer with
SY89202U MICREL-SY89202U_10 Datasheet
625Kb / 13P
Precision 1:8 LVPECL Fanout Buffer with
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
3.2Gbps Precision, 1:2 LVPECL Fanout
SY58606U MICREL-SY58606U_11 Datasheet
698Kb / 13P
4.25Gbps Precision, 1:2 CML Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
3.3V LVPECL 1:2 Clock Fanout Buffer
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com