Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2382 Datasheet (PDF) - Adafruit Industries

2382 Datasheet PDF - Adafruit Industries
Part # 2382
Download  2382 Download
File Size   91.92 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Caramel Candy - 0.5Kg

2382 Datasheet (PDF)

Go To PDF Page Download Datasheet
2382 Datasheet PDF - Adafruit Industries

Part # 2382
Download  2382 Click to download

File Size   91.92 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Caramel Candy - 0.5Kg

2382 Datasheet (HTML) - Adafruit Industries


2382 Product details

Features:
 Filament shore hardness of approximately 85A
 Consistent diameter and material properties provide reliable, high quality prints
 Patent pending technology allows for smooth feeding
 Low tack, low CoF exterior allows smooth feed through filament guides
 High elasticity and excellent abrasion resistance
 Excellent build platform adhesion and bonding between layers
 REACH and RoHS 2002/95/EC Directive Compliant
 1.75mm filament spool = .50 kg




Similar Part No. - 2382

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2382 KR-2382 Datasheet
19Kb / 1P
HDTV Filter
logo
Pomona Electronics
2382 POMONA-2382 Datasheet
70Kb / 1P
Single Insulated Miniature Binding Post
logo
Santronics Inc
2382 SCS-2382 Datasheet
274Kb / 1P
DUAL CONDUCTOR METAL WRIST STRAP
June 2019
logo
Keystone Electronics Co...
2382 KEYSTONE-2382 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
Pomona Electronics
2382-0 POMONA-2382-0 Datasheet
70Kb / 1P
Single Insulated Miniature Binding Post
More results


Similar Description - 2382

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1061810000 MOLEX1-1061810000 Datasheet
53Kb / 1P
MTP Adapter Assembly, 1.75mm Panel Thickness, Screw Mount, Black
1061810007 MOLEX1-1061810007 Datasheet
54Kb / 1P
MTP Adapter Assembly, Reduced Flange, 1.75mm Panel Thickness, Snap Mount,Black
1061810020 MOLEX1-1061810020 Datasheet
41Kb / 1P
MTP Quad Adapter Assembly, 1.75mm Panel Thickness, 30 , Screw Mount, Black
logo
LUMEX INC.
SSL-LX1847D4AD LUMEX-SSL-LX1847D4AD Datasheet
51Kb / 1P
1.75mm X 4mm Rectangular Arched LED
SSL-LX1847D4GD LUMEX-SSL-LX1847D4GD Datasheet
53Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4ID LUMEX-SSL-LX1847D4ID Datasheet
51Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4YD LUMEX-SSL-LX1847D4YD Datasheet
52Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
logo
Molex Electronics Ltd.
1061810000 MOLEX-1061810000_V01 Datasheet
53Kb / 1P
MTP* Adapter Assembly, 1.75mm Panel Thickness, Screw Mount, Black
0639011400 MOLEX-0639011400 Datasheet
32Kb / 1P
FineAdjust Applicator for 1.75mm Wire-To-Board Crimp Terminal, 24-28 AWG
08/26/2022
logo
Global Connector Techno...
SIM7200 GCT-SIM7200 Datasheet
242Kb / 4P
Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
8th September 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com