Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2383 Datasheet (PDF) - Adafruit Industries

2383 Datasheet PDF - Adafruit Industries
Part # 2383
Download  2383 Download
File Size   84.62 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Almond- Peach Smoothie - 0.50Kg

2383 Datasheet (PDF)

Go To PDF Page Download Datasheet
2383 Datasheet PDF - Adafruit Industries

Part # 2383
Download  2383 Click to download

File Size   84.62 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Almond- Peach Smoothie - 0.50Kg

2383 Datasheet (HTML) - Adafruit Industries


2383 Product details

Features:
 Filament shore hardness of approximately 85A
 Consistent diameter and material properties provide reliable, high quality prints
 Patent pending technology allows for smooth feeding
 Low tack, low CoF exterior allows smooth feed through filament guides
 High elasticity and excellent abrasion resistance
 Excellent build platform adhesion and bonding between layers
 REACH and RoHS 2002/95/EC Directive Compliant
 1.75mm filament spool = .50 kg




Similar Part No. - 2383

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2383 KR-2383 Datasheet
22Kb / 2P
Bandpass Filter
logo
Pomona Electronics
2383 POMONA-2383 Datasheet
33Kb / 1P
Miniature Insulating Binding Post With Double Mounting Base
logo
Heyco.
2383 HEYCO-2383 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
Santronics Inc
2383 SCS-2383 Datasheet
274Kb / 1P
DUAL CONDUCTOR METAL WRIST STRAP
June 2019
logo
Keystone Electronics Co...
2383 KEYSTONE-2383 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
More results


Similar Description - 2383

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSCE4L3131A OPTOSUPPLY-OSCE4L3131A Datasheet
89Kb / 1P
Round Peach LED
OSCE4L5111A OPTOSUPPLY-OSCE4L5111A Datasheet
90Kb / 1P
Round Peach LED
OSCE4LS1C1A OPTOSUPPLY-OSCE4LS1C1A Datasheet
91Kb / 1P
Peach SMD LED
OSCE4LZ281P OPTOSUPPLY-OSCE4LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Peach LED
OSCE4TS4C1A OPTOSUPPLY-OSCE4TS4C1A Datasheet
122Kb / 1P
Peach Top SMD LED
OSCG4L3131A OPTOSUPPLY-OSCG4L3131A Datasheet
89Kb / 1P
Round Orange Peach LED
OSCG4L5111A OPTOSUPPLY-OSCG4L5111A Datasheet
95Kb / 1P
Round Orange Peach LED
OSCG4LS1C1A OPTOSUPPLY-OSCG4LS1C1A Datasheet
90Kb / 1P
Orange Peach SMD LED
OSCG4TS4C1A OPTOSUPPLY-OSCG4TS4C1A Datasheet
123Kb / 1P
Orange Peach Top SMD LED
logo
LUMEX INC.
SSL-LX1847D4ID LUMEX-SSL-LX1847D4ID Datasheet
51Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com