Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2564 Datasheet (PDF) - Adafruit Industries

2564 Datasheet PDF - Adafruit Industries
Part # 2564
Download  2564 Download
File Size   126.25 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Violet Grape - .50 Kg

2564 Datasheet (PDF)

Go To PDF Page Download Datasheet
2564 Datasheet PDF - Adafruit Industries

Part # 2564
Download  2564 Click to download

File Size   126.25 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Violet Grape - .50 Kg

2564 Datasheet (HTML) - Adafruit Industries


2564 Product details

Features:
 Filament shore hardness of approximately 85A
 Consistent diameter and material properties provide reliable, high quality prints
 Patent pending technology allows for smooth feeding
 Low tack, low CoF exterior allows smooth feed through filament guides
 High elasticity and excellent abrasion resistance
 Excellent build platform adhesion and bonding between layers
 REACH and RoHS 2002/95/EC Directive Compliant
 1.75mm filament spool = .50 kg




Similar Part No. - 2564

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2564 KR-2564 Datasheet
196Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
25640401RP2 ETC2-25640401RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
25640601RP2 ETC2-25640601RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
25640801RP2 ETC2-25640801RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
25641001RP2 ETC2-25641001RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
More results


Similar Description - 2564

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX1847D4AD LUMEX-SSL-LX1847D4AD Datasheet
51Kb / 1P
1.75mm X 4mm Rectangular Arched LED
SSL-LX1847D4GD LUMEX-SSL-LX1847D4GD Datasheet
53Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4ID LUMEX-SSL-LX1847D4ID Datasheet
51Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4YD LUMEX-SSL-LX1847D4YD Datasheet
52Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
logo
Molex Electronics Ltd.
0734035767 MOLEX1-0734035767_18 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Keying Option H, Violet
logo
PHOENIX CONTACT
2861014 PHOENIX-2861014 Datasheet
120Kb / 5P
ST-REL3-KG 24/21
logo
Molex Electronics Ltd.
0734035747 MOLEX-0734035747_V01 Datasheet
33Kb / 1P
50 Ohms, FAKRA SMB Plug, Keying Option H, Violet
0734035763 MOLEX-0734035763_V01 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Keying Option D, Bordeaux Violet
0734035767 MOLEX-0734035767_V01 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Keying Option H, Violet
0734036267 MOLEX-0734036267_V01 Datasheet
33Kb / 1P
50 Ohms, FAKRA SMB Plug, Keying Option H, Violet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com