Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2565 Datasheet (PDF) - Adafruit Industries

2565 Datasheet PDF - Adafruit Industries
Part # 2565
Download  2565 Download
File Size   125.3 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Flamingo Pink - .50 Kg

2565 Datasheet (PDF)

Go To PDF Page Download Datasheet
2565 Datasheet PDF - Adafruit Industries

Part # 2565
Download  2565 Click to download

File Size   125.3 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Flamingo Pink - .50 Kg

2565 Datasheet (HTML) - Adafruit Industries


2565 Product details

Features:
 Filament shore hardness of approximately 85A
 Consistent diameter and material properties provide reliable, high quality prints
 Patent pending technology allows for smooth feeding
 Low tack, low CoF exterior allows smooth feed through filament guides
 High elasticity and excellent abrasion resistance
 Excellent build platform adhesion and bonding between layers
 REACH and RoHS 2002/95/EC Directive Compliant
 1.75mm filament spool = .50 kg




Similar Part No. - 2565

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2565 KR-2565 Datasheet
23Kb / 2P
Bandpass Filter
logo
Schurter Inc.
2565 SCHURTER-2565 Datasheet
325Kb / 2P
IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
2565 SCHURTER-2565 Datasheet
216Kb / 3P
IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
2565 SCHURTER-2565 Datasheet
226Kb / 3P
IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
logo
B&K Precision Corporati...
2565 BK-2565 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
More results


Similar Description - 2565

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPBR70ASS-N9 NICHIA-NSPBR70ASS-N9 Datasheet
249Kb / 13P
PINK LED
logo
Roithner LaserTechnik G...
5R4HCA-PH ROITHNER-5R4HCA-PH Datasheet
64Kb / 1P
PINK LED
logo
OptoSupply Internationa...
OSK5DAS1C1A OPTOSUPPLY-OSK5DAS1C1A Datasheet
100Kb / 1P
3.5x2.8x1.9mm Pink SMDLED
OSK5DLS1C1A OPTOSUPPLY-OSK5DLS1C1A_11 Datasheet
109Kb / 1P
3.5x2.8x1.9mm Pink SMD
logo
LUMEX INC.
SSL-LX1847D4AD LUMEX-SSL-LX1847D4AD Datasheet
51Kb / 1P
1.75mm X 4mm Rectangular Arched LED
SSL-LX1847D4GD LUMEX-SSL-LX1847D4GD Datasheet
53Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4ID LUMEX-SSL-LX1847D4ID Datasheet
51Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4YD LUMEX-SSL-LX1847D4YD Datasheet
52Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
logo
PHOENIX CONTACT
2861014 PHOENIX-2861014 Datasheet
120Kb / 5P
ST-REL3-KG 24/21
logo
SparkFun Electronics
DEV-14084 SPARKFUN-DEV-14084 Datasheet
59Kb / 2P
STEMTera (Pink)
1/26/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com