Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P019-004 Datasheet (PDF) - Tripp Lite. All Rights Reserved

P019-004 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # P019-004
Download  P019-004 Download
File Size   424.83 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P to IEC-320-C15), 4-ft.

P019-004 Datasheet (PDF)

Go To PDF Page Download Datasheet
P019-004 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # P019-004
Download  P019-004 Click to download

File Size   424.83 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P to IEC-320-C15), 4-ft.

P019-004 Datasheet (HTML) - Tripp Lite. All Rights Reserved


P019-004 Product details

Description
Tripp Lite's 5-15P-to-C15 power cords allow connection from high voltage network hardware utilizing C16 inlets with 5-15R receptacles. Heavy-duty 14AWG
wire supports voltages up to 125V. Molded ends ensure a lifetime of use.
Features
Heavy-duty power cord supports up to 125V
125V, 15A, 14AWG, SJT
Flexible 14AWG wire for easy routing
Use with Cisco, HP and other hardware that uses C16 inlets
UL Listed




Similar Part No. - P019-004

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P019-008 TRIPPLITE-P019-008 Datasheet
424Kb / 2P
Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P to IEC-320-C15), 8-ft.
P019-008-C15RA TRIPPLITE-P019-008-C15RA Datasheet
170Kb / 3P
Power Cord, NEMA 5-15P to Right-Angle C15 - Heavy-Duty, 15A, 125V, 14 AWG, 8 ft. (2.43 m), Black
More results


Similar Description - P019-004

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P007002 TRIPPLITE-P007002 Datasheet
482Kb / 2P
Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 2-ft
P007003 TRIPPLITE-P007003 Datasheet
485Kb / 2P
Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 3-ft
P007006 TRIPPLITE-P007006 Datasheet
483Kb / 2P
Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 6-ft
P007010 TRIPPLITE-P007010 Datasheet
482Kb / 2P
Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 10-ft
P007012 TRIPPLITE-P007012 Datasheet
485Kb / 2P
Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 12-ft
P019004 TRIPPLITE-P019004 Datasheet
487Kb / 2P
Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P to IEC-320-C15), 4-ft
P019008 TRIPPLITE-P019008 Datasheet
488Kb / 2P
Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P to IEC-320-C15), 8-ft
P034010 TRIPPLITE-P034010 Datasheet
481Kb / 2P
Heavy-Duty Power Cord, 15A, 14AWG (IEC-320-C19 to NEMA 5-15P), 10-ft
P007-006 TRIPPLITE-P007-006 Datasheet
483Kb / 2P
Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13), 6-ft.
P007-010 TRIPPLITE-P007-010 Datasheet
484Kb / 3P
Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13) 10-ft.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com