Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P022-001 Datasheet (PDF) - Tripp Lite. All Rights Reserved

P022-001 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # P022-001
Download  P022-001 Download
File Size   408.55 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 1-ft.

P022-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
P022-001 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # P022-001
Download  P022-001 Click to download

File Size   408.55 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 1-ft.

P022-001 Datasheet (HTML) - Tripp Lite. All Rights Reserved


P022-001 Product details

Description
Tripp Lite's P022-001 Power Extension/Adapter Cable provides maximum use of power strips and surge suppressors when using AC adapters. By connecting
your adapters to this cable, you free up wasted outlets. Attach this cord to an existing cable to extend its length up to 1 ft. Features a NEMA 5-15R receptacle
with a NEMA 5-15P plug. UL Listed.
Features
Maximize outlet space when using AC adapters
Extends a cord up to 1 ft.
ROHS compliant
NEMA 5-15R to NEMA 5-15P
18AWG x 3C, SJT, 10A, 120V
UL Listed




Similar Part No. - P022-001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P022-001-2 TRIPPLITE-P022-001-2 Datasheet
424Kb / 2P
Standard Power Extension Cord Y Splitter Cable, 10A, 18AWG (NEMA 5-15P to 2x NEMA 5-15R), 1-ft.
More results


Similar Description - P022-001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P022001 TRIPPLITE-P022001 Datasheet
469Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P022015 TRIPPLITE-P022015 Datasheet
487Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 15-ft
P022025 TRIPPLITE-P022025 Datasheet
487Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 25-ft
P0220012 TRIPPLITE-P0220012 Datasheet
477Kb / 2P
Standard Power Extension Cord Y Splitter Cable, 10A, 18AWG (NEMA 5-15P to 2x NEMA 5-15R), 1-ft
P02400113A TRIPPLITE-P02400113A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P02400313A TRIPPLITE-P02400313A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 3-ft
P02400613A TRIPPLITE-P02400613A Datasheet
498Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 6-ft
P02401013A TRIPPLITE-P02401013A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 10-ft
P022-015 TRIPPLITE-P022-015 Datasheet
494Kb / 4P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R) 15-ft.
P024-015-13A TRIPPLITE-P024-015-13A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16 AWG (NEMA 5-15P to NEMA 5-15R), 15 ft.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com