Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55116 Datasheet (PDF) - Texas Instruments

SN55116 Datasheet PDF - Texas Instruments
Part # SN55116
Download  SN55116 Download
File Size   816.49 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL LINE TRANSCEIVERS

SN55116 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN55116 Datasheet PDF - Texas Instruments

Part # SN55116
Download  SN55116 Click to download

File Size   816.49 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL LINE TRANSCEIVERS

SN55116 Datasheet (HTML) - Texas Instruments


SN55116 Product details

Features
Single 5-V Supply
3-State Driver Output Circuitry
TTL-Compatible Driver Inputs
TTL-Compatible Receiver Output
Differential Line Operation
Receiver Output Strobe
Designed for Party-Line (Data-Bus)
Applications
Independent Driver and Receiver
Choice of Open-Collector or Totem-Pole
Outputs on Both Driver and Receiver
Dual Data Inputs on Driver
Optional Line-Termination Resistor in
Receiver
±15-V Receiver Common-Mode Capability
Receiver Frequency-Response Control

description
This integrated circuit is designed for use in interfacing between TTL-type digital systems and differential
data-transmission lines. It is especially useful for party-line (data-bus) applications. This circuit type combines
in one package a 3-state differential line driver and a differential-input line receiver, both of which operate from
a single 5-V power supply. The driver inputs and the receiver outputs are TTL compatible. The driver employed
is similar to the SN55113 and SN75113 3-state line drivers and the receiver is similar to the SN55115 and
SN75115 line receivers.
The SN55116 offers all the features of the SN55113 and SN75113 drivers and the SN55115 and SN75115
receivers combined. The driver performs the dual input AND and NAND functions when enabled or presents
a high impedance to the load when in the disabled state. The driver output stages are similar to TTL totem-pole
outputs, but have the current-sinking portion separated from the current-sourcing portion and both are brought
out to adjacent package terminals. This feature allows the user the option of using the driver in the open-collector
output configuration or, by connecting the adjacent source and sink terminals together, using the driver in the
normal totem-pole output configuration.
The receiver portion of the SN55116 features a differential-input circuit having a common-mode voltage range
of ±15 V. An internal 130-Ω equivalent resistor also is provided, which optionally can be used to terminate the
transmission line. A frequency-response control terminal allows the user to reduce the speed of the receiver
or to improve differential noise immunity. The receiver of the SN55116 has an output strobe and a split
totem-pole output. The receiver section of the circuit is independent of the driver section, except for the VCC
and ground terminals.




Similar Part No. - SN55116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55116 TI-SN55116 Datasheet
239Kb / 15P
DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI-SN55116 Datasheet
484Kb / 12P
Differential line transceivers
SN55116 TI1-SN55116 Datasheet
311Kb / 15P
DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116 Datasheet
1Mb / 29P
DIFFERENTIAL LINE TRANSCEIVERS
SN55116FK TI-SN55116FK Datasheet
239Kb / 15P
DIFFERENTIAL LINE TRANSCEIVERS
More results


Similar Description - SN55116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55116 TI-SN55116 Datasheet
239Kb / 15P
DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
Differential Bus Transceivers
logo
Texas Instruments
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
Differential line transceivers
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
DIFFERENTIAL LINE TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com