Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75157 Datasheet (PDF) - Texas Instruments

SN75157 Datasheet PDF - Texas Instruments
Part # SN75157
Download  SN75157 Download
File Size   942.88 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN75157 Dual Differential Line Receiver

SN75157 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75157 Datasheet PDF - Texas Instruments

Part # SN75157
Download  SN75157 Click to download

File Size   942.88 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN75157 Dual Differential Line Receiver

SN75157 Datasheet (HTML) - Texas Instruments


SN75157 Product details

1 Features
• Meets or exceeds the requirements of ANSI
standards EIA/TIA-422-B and EIA/TIA-423-B and
ITU recommendation V.10 and V.11
• Operates from single 5V power supply
• Wide common-mode voltage range
• High input impedance
• TTL-compatible outputs
• High-speed schottky circuitry
• 8-Pin dual-in-line package

2 Applications
• Factory automation
• AC and servo motor drives

3 Description
The SN75157 is a dual differential line receiver
designed to meet standards EIA/TIA-422-B and EIA/
TIA-423-B and ITU V.10 and V.11. The device uses
Schottky circuitry, and has TTL-compatible outputs.
The inputs are compatible with either a single-ended
or a differential-line system. The device operates from
a single 5V power supply and is supplied in 8-pin
dual-in-line and small-outline packages.
The SN75157 is characterized for operation from 0°C
to 70°C.




Similar Part No. - SN75157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75157 TI-SN75157 Datasheet
95Kb / 6P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157 TI1-SN75157 Datasheet
906Kb / 15P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157D TI-SN75157D Datasheet
95Kb / 6P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157D TI1-SN75157D Datasheet
668Kb / 14P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157D TI1-SN75157D Datasheet
906Kb / 15P
DUAL DIFFERENTIAL LINE RECEIVER
More results


Similar Description - SN75157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
Dual Differential Line Receiver
logo
Texas Instruments
SN75146 TI-SN75146 Datasheet
108Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157 TI-SN75157 Datasheet
95Kb / 6P
DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9639 NSC-DS9639 Datasheet
122Kb / 6P
Dual Differential Line Receiver
DS55115 NSC-DS55115 Datasheet
178Kb / 6P
Dual Differential Line Receiver
DS9637A NSC-DS9637A_07 Datasheet
310Kb / 8P
Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
Dual Differential Line Receiver
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
DUAL DIFFERENTIAL LINE RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com