Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74V3640 Datasheet (PDF) - Texas Instruments

SN74V3640 Datasheet PDF - Texas Instruments
Part # SN74V3640
Download  SN74V3640 Download
File Size   808.0 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1024 × 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES

SN74V3640 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74V3640 Datasheet PDF - Texas Instruments

Part # SN74V3640
Download  SN74V3640 Click to download

File Size   808.0 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1024 × 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES

SN74V3640 Datasheet (HTML) - Texas Instruments


SN74V3640 Product details

Choice of Memory Organizations
– SN74V3640 – 1024 × 36 Bit
– SN74V3650 – 2048 × 36 Bit
– SN74V3660 – 4096 × 36 Bit
– SN74V3670 – 8192 × 36 Bit
– SN74V3680 – 16384 × 36 Bit
– SN74V3690 – 32768 × 36 Bit
166-MHz Operation (6-ns Read/Write Cycle
Time)
User-Selectable Input- and Output-Port Bus
Sizing
– ×36 in to ×36 out
– ×36 in to ×18 out
– ×36 in to ×9 out
– ×18 in to ×36 out
– ×9 in to ×36 out
Big-Endian/Little-Endian User-Selectable
Byte Representation
5-V-Tolerant Inputs
Fixed, Low, First-Word Latency
Zero-Latency Retransmit
Master Reset Clears Entire FIFO
Partial Reset Clears Data, But Retains
Programmable Settings
Empty, Full, and Half-Full Flags Signal FIFO
Status
Programmable Almost-Empty and
Almost-Full Flags; Each Flag Can Default to
One of Eight Preselected Offsets
Selectable Synchronous/Asynchronous
Timing Modes for Almost-Empty and
Almost-Full Flags
Program Programmable Flags by Either
Serial or Parallel Means
Select Standard Timing (Using EF and FF
Flags) or First-Word Fall-Through (FWFT)
Timing (Using OR and IR Flags)
Output Enable Puts Data Outputs in
High-Impedance State
Easily Expandable in Depth and Width
Independent Read and Write Clocks Permit
Reading and Writing Simultaneously
High-Performance Submicron CMOS
Technology
Available in 128-Pin Thin Quad Flat Pack
(TQFP)

description
The SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, and SN74V3690 are exceptionally
deep, high-speed CMOS, first-in first-out (FIFO) memories, with clocked read and write controls and a flexible
bus-matching ×36/×18/×9 data flow. These FIFOs offer several key user benefits:
Flexible ×36/×18/×9 bus matching on both read and write ports
The period required by the retransmit operation is fixed and short.
The first-word data-latency period, from the time the first word is written to an empty FIFO to the time it can
be read, is fixed and short.
High-density offerings up to 1 Mbit
Bus-matching synchronous FIFOs are particularly appropriate for network, video, signal processing,
telecommunications, data communications, and other applications that need to buffer large amounts of data
and match buses of unequal sizes.
Each FIFO has a data input port (Dn) and a data output port (Qn), both of which can assume 36-bit, 18-bit, or
9-bit width, as determined by the state of external control pins’ input width (IW), output width (OW), and bus
matching (BM) during the master-reset cycle.




Similar Part No. - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V3640 TI-SN74V3640 Datasheet
725Kb / 50P
1024 횞 36, 2048 횞 36, 4096 횞 36, 8192 횞 36, 16384 횞 36, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V3640-10PEU TI-SN74V3640-10PEU Datasheet
725Kb / 50P
1024 횞 36, 2048 횞 36, 4096 횞 36, 8192 횞 36, 16384 횞 36, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V3640-15PEU TI-SN74V3640-15PEU Datasheet
725Kb / 50P
1024 횞 36, 2048 횞 36, 4096 횞 36, 8192 횞 36, 16384 횞 36, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V3640-6PEU TI-SN74V3640-6PEU Datasheet
725Kb / 50P
1024 횞 36, 2048 횞 36, 4096 횞 36, 8192 횞 36, 16384 횞 36, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V3640-7PEU TI-SN74V3640-7PEU Datasheet
725Kb / 50P
1024 횞 36, 2048 횞 36, 4096 횞 36, 8192 횞 36, 16384 횞 36, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
More results


Similar Description - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
logo
Texas Instruments
SN74V3640 TI-SN74V3640 Datasheet
725Kb / 50P
1024 횞 36, 2048 횞 36, 4096 횞 36, 8192 횞 36, 16384 횞 36, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com