Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75185 Datasheet (PDF) - Texas Instruments

SN75185 Datasheet PDF - Texas Instruments
Part # SN75185
Download  SN75185 Download
File Size   958.25 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTIPLE RS-232 DRIVERS AND RECEIVERS

SN75185 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75185 Datasheet PDF - Texas Instruments

Part # SN75185
Download  SN75185 Click to download

File Size   958.25 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTIPLE RS-232 DRIVERS AND RECEIVERS

SN75185 Datasheet (HTML) - Texas Instruments


SN75185 Product details

FEATURES
• Single Chip With Easy Interface Between
UART and Serial-Port Connector of
IBM™ PC/AT™ and Compatibles
• Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
• Supports Data Rates up to 120 kbit/s
• ESD Protection Meets or Exceeds 10 kV on
RS-232 Pins and 3.5 kV on All Other Pins
(Human-Body Model)
• Pin-to-Pin Compatible With the SN75C185

DESCRIPTION/ORDERING INFORMATION
The SN75185 combines three drivers and five
receivers from the TI SN75188 and SN75189 bipolar
quadruple drivers and receivers, respectively. The
pinout matches the flow-through design of the
SN75C185 to decrease the part count, reduce the
board space required, and allow easy interconnection
of the UART and serial-port connector of IBM™
PC/AT™ and compatibles. The bipolar circuits and
processing of the SN75185 provide a rugged low-cost
solution for this function at the expense of quiescent
power and external passive components relative to
the SN75C185.
The SN75185 complies with the requirements of the
TIA/EIA-232-F and ITU v.28 standards. These
standards are for data interchange between a host
computer and peripheral at signaling rates up to 20
kbit/s. The switching speeds of the SN75185 are fast
enough to support rates up to 120 kbit/s with lower
capacitive loads (shorter cables). Interoperability at
the higher signaling rates cannot be assured unless
the designer has design control of the cable and the
interface circuits at both ends. For interoperability at
signaling rates to 120 kbit/s, use of TIA/EIA-423-B
(ITU v.10) and TIA/EIA-422-B (ITU v.11) standards is
recommended.
The SN75185 is characterized for operation over the
temperature range of 0°C to 70°C.




Similar Part No. - SN75185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75185 TI-SN75185 Datasheet
172Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185DB TI-SN75185DB Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185DB TI-SN75185DB Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Similar Description - SN75185

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com