Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75161BDWR Datasheet (PDF) - Texas Instruments

SN75161BDWR Datasheet PDF - Texas Instruments
Part # SN75161BDWR
Download  SN75161BDWR Download
File Size   790.22 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS

SN75161BDWR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75161BDWR Datasheet PDF - Texas Instruments

Part # SN75161BDWR
Download  SN75161BDWR Click to download

File Size   790.22 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS

SN75161BDWR Datasheet (HTML) - Texas Instruments


SN75161BDWR Product details

Meets IEEE Standard 488-1978 (GPIB)
8-Channel Bidirectional Transceivers
Power-Up/Power-Down Protection
(Glitch Free)
Designed to Implement Control Bus
Interface
SN75161B Designed for Single Controller
SN75162B Designed for Multiple
Controllers
High-Speed, Low-Power Schottky Circuitry
Low Power Dissipation . . . 72 mW Max Per
Channel
Fast Propagation Times . . . 22 ns Max
High-Impedance pnp Inputs
Receiver Hysteresis . . . 650 mV Typ
Bus-Terminating Resistors Provided on
Driver Outputs
No Loading of Bus When Device Is
Powered Down (VCC = 0)

description
The SN75161B and SN75162B eight-channel,
general-purpose interface bus transceivers are
monolithic, high-speed, low-power Schottky
devices designed to meet the requirements of
IEEE Standard 488-1978. Each transceiver is
designed to provide the bus-management and
data-transfer signals between operating units of
a single- or multiple-controller instrumentation
system. When combined with the SN75160B octal
bus transceiver, the SN75161B or SN75162B
provides the complete 16-wire interface for the
IEEE-488 bus.
The SN75161B and SN75162B feature eight
driver-receiver pairs connected in a front-to-back
configuration to form input/output (I/O) ports at
both the bus and terminal sides. A powerup/-
down disable circuit is included on all bus and
receiver outputs. This provides glitch-free operation
during VCC power up and power down.




Similar Part No. - SN75161BDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75161BDWRE4 TI-SN75161BDWRE4 Datasheet
980Kb / 22P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75161BDWRG4 TI-SN75161BDWRG4 Datasheet
980Kb / 22P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Similar Description - SN75161BDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75161B TI-SN75161B Datasheet
227Kb / 14P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com