Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55182 Datasheet (PDF) - Texas Instruments

SN55182 Datasheet PDF - Texas Instruments
Part # SN55182
Download  SN55182 Download
File Size   833.03 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL DIFFERENTIAL LINE RECEIVERS

SN55182 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN55182 Datasheet PDF - Texas Instruments

Part # SN55182
Download  SN55182 Click to download

File Size   833.03 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL DIFFERENTIAL LINE RECEIVERS

SN55182 Datasheet (HTML) - Texas Instruments


SN55182 Product details

Single 5-V Supply
Differential Line Operation
Dual Channels
TTL Compatibility
±15-V Common-Mode Input Voltage Range
±15-V Differential Input Voltage Range
Individual Channel Strobes
Built-In Optional Line-Termination Resistor
Individual Frequency Response Controls
Designed for Use With Dual Differential
Drivers SN55183 and SN75183
Designed to Be Interchangeable With
National Semiconductor DS7820A and
DS8820A

description
The SN55182 and SN75182 dual differential line
receivers are designed to sense small differential
signals in the presence of large common-mode
noise. These devices give TTL-compatible output
signals as a function of the polarity of the
differential input voltage. The frequency response
of each channel can be easily controlled by a
single external capacitor to provide immunity to
differential noise spikes. The output goes to a high
level when the inputs are open circuited. A strobe
input (STRB) is provided that, when in the low
level, disables the receiver and forces the output
to a high level.
The receiver is of monolithic single-chip construction, and both halves of the dual circuits use common
power-supply and ground terminals.
The SN55182 is characterized for operation over the full military temperature range of –55°C to 125°C. The
SN75182 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN55182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55182 TI-SN55182 Datasheet
190Kb / 13P
DUAL DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
SN55182-SP TI1-SN55182-SP Datasheet
353Kb / 15P
RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE RECEIVER
SN55182-SP TI2-SN55182-SP Datasheet
461Kb / 19P
RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE RECEIVER
OCTOBER 2007
SN55182FK TI-SN55182FK Datasheet
190Kb / 13P
DUAL DIFFERENTIAL LINE RECEIVERS
More results


Similar Description - SN55182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55182 TI-SN55182 Datasheet
190Kb / 13P
DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
250MHz Differential Line Receivers
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com