Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5342A Datasheet (PDF) - Texas Instruments

TAS5342A Datasheet PDF - Texas Instruments
Part # TAS5342A
Download  TAS5342A Download
File Size   970.69 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5342A 100-W Stereo Digital Amplifier Power Stage

TAS5342A Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5342A Datasheet PDF - Texas Instruments

Part # TAS5342A
Download  TAS5342A Click to download

File Size   970.69 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5342A 100-W Stereo Digital Amplifier Power Stage

TAS5342A Datasheet (HTML) - Texas Instruments


TAS5342A Product details

1 Features
1• Total Power Output (Bridge Tied Load)
– 2 × 100 W at 10% THD+N Into 4 Ω
– 2 × 80 W at 10% THD+N Into 6 Ω
– 2 × 65 W at 10% THD+N Into 8 Ω
• Total Power Output (Single Ended)
– 4 × 40 W at 10% THD+N Into 3 Ω
– 4 × 30 W at 10% THD+N Into 4 Ω
• Total Power Output (Parallel Mode)
– 1 × 200 W at 10% THD+N Into 2 Ω
– 1 × 160 W at 10% THD+N Into 3 Ω
• >110 dB SNR (A-Weighted With TAS5518
Modulator)
• <0.1% THD+N (1 W, 1 kHz)
• Supports PWM Frame Rates of 192 kHz to
432 kHz
• Resistor-Programmable Current Limit
• Integrated Self-Protection Circuitry, Including:
– Under Voltage Protection
– Overtemperature Warning and Error
– Overload Protection
– Short-Circuit Protection
– PWM Activity Detector
• Standalone Protection Recovery
• Power-On Reset (POR) to Eliminate System
Power-Supply Sequencing
• High-Efficiency Power Stage (>90%) With 80-mΩ
Output MOSFETs
• Thermally Enhanced Package 44-Pin HTSSOP
(DDV)
• Error Reporting, 3.3-V and 5-V Compliant
• EMI Compliant When Used With Recommended
System Design

2 Applications
• Mini/Micro Audio System
• DVD Receiver
• Home Theater

3 Description
The TAS5342A is a high-performance, integrated
stereo digital amplifier power stage designed to drive
a 4-Ω bridge-tied load (BTL) at up to 100 W per
channel with low-harmonic distortion, low-integrated
noise, and low-idle current.
The TAS5342A has a complete protection system
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the
system. These protection features are short-circuit
protection, over-current protection, under voltage
protection, over temperature protection, and a loss of
PWM signal (PWM activity detector).
A power-on-reset (POR) circuit is used to eliminate
power-supply sequencing that is required for most
power-stage designs.




Similar Part No. - TAS5342A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342ADDV TI1-TAS5342ADDV Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342ADDVR TI-TAS5342ADDVR Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Similar Description - TAS5342A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182 TI-TAS5182 Datasheet
253Kb / 15P
100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5182 TI-TAS5182_07 Datasheet
608Kb / 18P
100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com