Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5352 Datasheet (PDF) - Texas Instruments

TAS5352 Datasheet PDF - Texas Instruments
Part # TAS5352
Download  TAS5352 Download
File Size   885.95 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 125 W STEREO DIGITAL AMPLIFIER POWER STAGE

TAS5352 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5352 Datasheet PDF - Texas Instruments

Part # TAS5352
Download  TAS5352 Click to download

File Size   885.95 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 125 W STEREO DIGITAL AMPLIFIER POWER STAGE

TAS5352 Datasheet (HTML) - Texas Instruments


TAS5352 Product details

1FEATURES
23· Total Power Output (Bridge Tied Load)
– 2 ´ 125 W at 10% THD+N Into 4 Ω
– 2 ´ 100 W at 10% THD+N Into 6 Ω
· Total Power Output (Single Ended)
– 4 ´ 45 W at 10% THD+N Into 3 Ω
– 4 ´ 35 W at 10% THD+N Into 4 Ω
· Total Power Output (Parallel Mode)
– 1 ´ 250 W at 10% THD+N Into 2 Ω
– 1 ´ 195 W at 10% THD+N Into 3 Ω
· >110 dB SNR (A-Weighted With TAS5518
Modulator)
· <0.1% THD+N (1 W, 1 kHz)
· Supports PWM Frame Rates of 192 kHz to
432 kHz
· Resistor-Programmable Current Limit
· Integrated Self-Protection Circuitry, Including:
– Under Voltage Protection
– Overtemperature Warning and Error
– Overload Protection
– Short-Circuit Protection
– PWM Activity Detector
· Standalone Protection Recovery
· Power-On Reset (POR) to Eliminate System
Power-Supply Sequencing
· High-Efficiency Power Stage (>90%) With
80-mΩ Output MOSFETs
· Thermally Enhanced 44-Pin HTSSOP Package
(DDV)
· Error Reporting, 3.3-V and 5.0-V Compliant
· EMI Compliant When Used With
Recommended System Design

APPLICATIONS
· Mini/Micro Audio System
· DVD Receiver
· Home Theater

DESCRIPTION
The TAS5352 is a high-performance, integrated
stereo digital amplifier power stage designed to drive
a 4-Ω bridge-tied load (BTL) at up to 125 W per channel with low harmonic distortion, low integrated
noise, and low idle current.
The TAS5352 has a complete protection system
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the
system. These protection features are short-circuit
protection, over-current protection, under voltage
protection, over temperature protection, and a loss of
PWM signal (PWM activity detector).
A power-on-reset (POR) circuit is used to eliminate
power-supply sequencing that is required for most
power-stage designs.




Similar Part No. - TAS5352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352 Datasheet
1Mb / 29P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI-TAS5352A Datasheet
849Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI1-TAS5352A Datasheet
960Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI2-TAS5352A Datasheet
874Kb / 35P
TAS5352A 125-W Stereo Digital Amplifier Power Stage
REVISED DECEMBER 2016
More results


Similar Description - TAS5352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI-TAS5352A Datasheet
849Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI1-TAS5352A_12 Datasheet
960Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com