Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5624A Datasheet (PDF) - Texas Instruments

TAS5624A Datasheet PDF - Texas Instruments
Part # TAS5624A
Download  TAS5624A Download
File Size   995.43 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5624A 150-W Stereo and 300-W Mono PurePath™ HD Digital Input Class-D Power Stage

TAS5624A Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5624A Datasheet PDF - Texas Instruments

Part # TAS5624A
Download  TAS5624A Click to download

File Size   995.43 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5624A 150-W Stereo and 300-W Mono PurePath™ HD Digital Input Class-D Power Stage

TAS5624A Datasheet (HTML) - Texas Instruments


TAS5624A Product details

1 Features
1• PurePath™ HD Integrated Feedback Provides:
– 0.025% THD at 1 W into 4 Ω
– > 65-dB PSRR (No Input Signal)
– > 105-dB (A-Weighted) SNR
• Preclipping Output for Control of a Class-G Power
Supply
• Reduced Heat Sink Size Due to Use of 40-mΩ
Output MOSFET With > 90% Efficiency at Full
Output Power
• Output Power at 10% THD+N
– 150-W and 4-Ω BTL Stereo Configuration
– 300-W and 2-Ω PBTL Mono Configuration
• Output Power at 10% THD+N
– 125-W and 4-Ω BTL Stereo Configuration
– 250-W and 2-Ω PBTL Mono Configuration
• Click-Free and Pop-Free Start-Up
• Error Reporting Self-Protected Design With UVP,
Overtemperature, and Short-Circuit Protection
• EMI-Compliant When Used With Recommended
System Design
• 44-Pin HTSSOP (DDV) Package for Reduced
Board Size

2 Applications
• Blu-ray™ and DVD Receivers
• High-Power Sound Bars
• Powered Subwoofer and Active Speakers
• Mini Combo Systems

3 Description
The TAS5624A device is a thermally-enhanced
version of the class-D power amplifier based on the TAS5614A using large MOSFETs for improved power
efficiency and a novel gate-drive scheme for reduced
losses in idle and at low-output signals leading to
reduced heat sink size.
The unique preclipping output signal can be used to
control a Class-G power supply. This combined with
the low idle loss and high power efficiency of the
TAS5624A leads to industry leading levels of efficiency ensuring a super green system.
The TAS5624A uses constant voltage gain. The internally-matched gain resistors ensure a high power
supply rejection ratio giving an output voltage only
dependent on the audio input voltage and free from
any power supply artifacts.
The high integration of the TAS5624A makes the
amplifier easy to use; and, using TI’s reference schematics and PCB layouts leads to fast design in
time. The TAS5624A is available in the space-saving,
surface-mount 44-pin HTSSOP package.




Similar Part No. - TAS5624A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5624A TI1-TAS5624A Datasheet
3Mb / 33P
TAS5622-TAS5624DDVEVM
TAS5624ADDV TI1-TAS5624ADDV Datasheet
963Kb / 31P
150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5624ADDV TI1-TAS5624ADDV Datasheet
1Mb / 39P
150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5624ADDVR TI1-TAS5624ADDVR Datasheet
963Kb / 31P
150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
More results


Similar Description - TAS5624A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_14 Datasheet
942Kb / 32P
150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614LA TI-TAS5614LA_15 Datasheet
1Mb / 42P
TAS5614LA 150-W Stereo and 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI-TAS5624A_15 Datasheet
1Mb / 32P
150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com