Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1020 Datasheet (PDF) - Adafruit Industries

1020 Datasheet PDF - Adafruit Industries
Part # 1020
Download  1020 Download
File Size   130.99 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description FOOD-GRADE HEAT SHRINK - 3/8" DIAMETER 12" LONG

1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
1020 Datasheet PDF - Adafruit Industries

Part # 1020
Download  1020 Click to download

File Size   130.99 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description FOOD-GRADE HEAT SHRINK - 3/8" DIAMETER 12" LONG

1020 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1020

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1020 XFMRS-1020 Datasheet
205Kb / 4P
ADSL MAGNETICS
logo
3M Electronics
1020 3M-1020 Datasheet
309Kb / 4P
Cushion-Mount™ Plus Plate Mounting Tapes
Jun-2017
logo
Heyco.
1020 HEYCO-1020 Datasheet
129Kb / 1P
Original Strain Relief Bushings
logo
List of Unclassifed Man...
10200 ETC2-10200 Datasheet
1Mb / 14P
Avago Aveon20mm range
10200 ETC2-10200 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
More results


Similar Description - 1020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NBC-SCE-1K MACOM-NBC-SCE-1K Datasheet
239Kb / 2P
Heat-Shrink/Cable Markers
15532 MACOM-15532 Datasheet
286Kb / 4P
Heat-Shrink/Cable Markers
logo
List of Unclassifed Man...
SP254 ETC2-SP254 Datasheet
178Kb / 3P
Heat Shrink
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
logo
TE Connectivity Ltd
ZHD-SCE TEC-ZHD-SCE Datasheet
2Mb / 4P
HEAT SHRINK IDENTIFICATION SYSTEM
logo
TOKYO SEIMITSU CO., LTD
ML300EX ACCRETECH-ML300EX Datasheet
382Kb / 2P
Circular wafer : 8, 12 inches diameter
logo
Hubbell Incorporated.
YHSA10K38RK HUBBELL-YHSA10K38RK Datasheet
265Kb / 2P
Cu Heat Shrink Ring Tongue Terminal For 12 - 10 AWG and 3/8" Stud, Tin Plated
YHSA14K38RK HUBBELL-YHSA14K38RK Datasheet
261Kb / 2P
Heat Shrink Ring Tongue Terminal For 16 - 14 AWG and 3/8 Stud.
YHSA18K38RK HUBBELL-YHSA18K38RK Datasheet
265Kb / 2P
Heat Shrink Ring Tongue Terminal For 22 - 18 AWG and 3/8 Stud.
YHSQ10F25X03RK HUBBELL-YHSQ10F25X03RK Datasheet
260Kb / 2P
Heat Shrink Female Quick Disconnect For 12 - 10 AWG.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com