Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

260 Datasheet (PDF) - Adafruit Industries

260 Datasheet PDF - Adafruit Industries
Part # 260
Download  260 Download
File Size   177.6 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB cable ‐ A/MiniB ‐ 3ft

260 Datasheet (PDF)

Go To PDF Page Download Datasheet
260 Datasheet PDF - Adafruit Industries

Part # 260
Download  260 Click to download

File Size   177.6 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB cable ‐ A/MiniB ‐ 3ft

260 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 260

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
260 SWITCH-260 Datasheet
32Kb / 1P
1/4 COMMERCIAL PHONE PLUGS
logo
List of Unclassifed Man...
260 ETC2-260 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
3M Electronics
260 3M-260 Datasheet
55Kb / 2P
One-Part, General Purpose Epoxy Powder Resin
2005
logo
Keystone Electronics Co...
260 KEYSTONE-260 Datasheet
197Kb / 1P
8V BATTERY CONNECTORS
2.09.21 REV. A
logo
Walther-Werke
260 406 DF WALTHER-260 406 DF Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
More results


Similar Description - 260

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
CBL30094-1500 SUYIN-USA-CBL30094-1500 Datasheet
89Kb / 1P
USB A CORE MINI USB 3PIN CABLE
logo
Assmann Electronics Inc...
AK669-50-R ASSMANN-AK669-50-R Datasheet
194Kb / 1P
USB Extention Cable Version 1.1 USB A Male to USB A Female
AK670-OE ASSMANN-AK670-OE Datasheet
90Kb / 1P
USB Cable A-Male
AK670-R ASSMANN-AK670-R Datasheet
241Kb / 1P
USB CABLE A TO A
AK672-2 ASSMANN-AK672-2 Datasheet
65Kb / 1P
USB 1.1 Cable - A Male
AK672-3 ASSMANN-AK672-3 Datasheet
65Kb / 1P
USB 1.1 Cable - A Male
AK672-5-BLACK ASSMANN-AK672-5-BLACK Datasheet
77Kb / 1P
USB 1.1 Cable - A Male
logo
SparkFun Electronics
CAB-14164 SPARKFUN-CAB-14164 Datasheet
67Kb / 1P
Audio Cable TRRS - 3ft
6??2??7
logo
Coolgear Inc.
CG-30SL1AC-1M COOLGEAR-CG-30SL1AC-1M Datasheet
938Kb / 2P
3ft. USB Type-C to A Dual Screw Lock Cable 5GB Data 3A Power
Rev 05.220504
USB3-AC1MB COOLGEAR-USB3-AC1MB Datasheet
158Kb / 1P
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com