Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

368 Datasheet (PDF) - Adafruit Industries

368 Datasheet PDF - Adafruit Industries
Part # 368
Download  368 Download
File Size   180.07 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Female DC Power adapter - 2.1mm jack to screw terminal block

368 Datasheet (PDF)

Go To PDF Page Download Datasheet
368 Datasheet PDF - Adafruit Industries

Part # 368
Download  368 Click to download

File Size   180.07 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Female DC Power adapter - 2.1mm jack to screw terminal block

368 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 368

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
368 KEYSTONE-368 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
EDAC, All Rights Reserv...
368-004-520-201 EDAC-368-004-520-201 Datasheet
355Kb / 1P
368 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Modular | 0.630" (16.00mm) Insulator Height
368-004-540-201 EDAC-368-004-540-201 Datasheet
355Kb / 1P
368 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Modular | 0.630" (16.00mm) Insulator Height
368-006-520-201 EDAC-368-006-520-201 Datasheet
355Kb / 1P
368 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Modular | 0.630" (16.00mm) Insulator Height
368-006-540-201 EDAC-368-006-540-201 Datasheet
355Kb / 1P
368 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Modular | 0.630" (16.00mm) Insulator Height
More results


Similar Description - 368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9394 PASTERNACK-PE9394 Datasheet
247Kb / 2P
SSMB Jack to BNC Female Adapter
PE9466 PASTERNACK-PE9466 Datasheet
246Kb / 2P
MCX Jack to BNC Female Adapter
PE9477 PASTERNACK-PE9477 Datasheet
239Kb / 2P
SMA Female to MMCX Jack Adapter
PE9516 PASTERNACK-PE9516 Datasheet
248Kb / 2P
MMCX Jack to BNC Female Adapter
PE9708 PASTERNACK-PE9708 Datasheet
253Kb / 2P
SMA Female to FME Jack Adapter
PE9712 PASTERNACK-PE9712 Datasheet
252Kb / 2P
FME Jack to BNC Female Adapter
PE9714 PASTERNACK-PE9714 Datasheet
253Kb / 2P
TNC Female to FME Jack Adapter
PE91006 PASTERNACK-PE91006 Datasheet
252Kb / 3P
SMA Female to UMCX Jack Adapter
logo
List of Unclassifed Man...
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
logo
SparkFun Electronics
PRT-10288 SPARKFUN-PRT-10288 Datasheet
88Kb / 1P
DC Barrel Jack Adapter - Female
8/5/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com