Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

383 Datasheet (PDF) - Adafruit Industries

383 Datasheet PDF - Adafruit Industries
Part # 383
Download  383 Download
File Size   1359.53 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 40 pin ZIF socket

383 Datasheet (PDF)

Go To PDF Page Download Datasheet
383 Datasheet PDF - Adafruit Industries

Part # 383
Download  383 Click to download

File Size   1359.53 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 40 pin ZIF socket

383 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 383

ManufacturerPart #DatasheetDescription
logo
Littelfuse
383 LITTELFUSE-383 Datasheet
172Kb / 3P
Radial Lead Fuses
logo
Intel Corporation
383 INTEL-383 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
logo
France Joint
383 FRANCEJOINT-383 Datasheet
355Kb / 2P
ROD SEALS
logo
Littelfuse
383 LITTELFUSE-383 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
English Chain Co. Ltd
383 13 ENGLISHCHAIN-383 13 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results


Similar Description - 383

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR40-HGW-T-R ASSMANN-AR40-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 40 Pin, Wire Wrap,
logo
List of Unclassifed Man...
PA17C42-DP ETC2-PA17C42-DP Datasheet
33Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA28-28-DP ETC2-PA28-28-DP Datasheet
32Kb / 1P
28 pin DIP ZIF socket/28 pin PLCC plug
PA40-44-01-DP ETC2-PA40-44-01-DP Datasheet
40Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40-44-33-DP ETC2-PA40-44-33-DP Datasheet
41Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40-44-P64-DP ETC2-PA40-44-P64-DP Datasheet
33Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40-44-P64-DZ-QF ETC2-PA40-44-P64-DZ-QF Datasheet
78Kb / 1P
40 pin DIP socket/44 pin QFP plug
PA40-44-X-DZ-PP ETC2-PA40-44-X-DZ-PP Datasheet
53Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40DZ-44QF-34 ETC2-PA40DZ-44QF-34 Datasheet
42Kb / 1P
40 pin DIP socket/44 pin QFP plug
PA51-44 ETC2-PA51-44 Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com