Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

876 Datasheet (PDF) - Adafruit Industries

876 Datasheet PDF - Adafruit Industries
Part # 876
Download  876 Download
File Size   79.51 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Stereo 3.5mm Plug/Plug Audio Cable - 6 feet

876 Datasheet (PDF)

Go To PDF Page Download Datasheet
876 Datasheet PDF - Adafruit Industries

Part # 876
Download  876 Click to download

File Size   79.51 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Stereo 3.5mm Plug/Plug Audio Cable - 6 feet

876 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 876

ManufacturerPart #DatasheetDescription
logo
Littelfuse
876 LITTELFUSE-876 Datasheet
189Kb / 3P
Axial Lead & Cartridge Fuses
logo
WECO ELECTRICAL CONNECT...
876 WECO-876 Datasheet
107Kb / 1P
PCB connector Push-In connection diagonal 45° to PCB
12.14
logo
Keystone Electronics Co...
876 KEYSTONE-876 Datasheet
186Kb / 1P
NYLON THRU-HOLE SPACER
REV. A
logo
Abbatron All Rights Res...
876 ABBATRON-876 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
876 KEYSTONE-876 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results


Similar Description - 876

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-354S TENSILITY-CA-354S Datasheet
85Kb / 2P
Cable, 4 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
CA-356CS TENSILITY-CA-356CS Datasheet
58Kb / 2P
Cable, 6 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
logo
CUI INC
SP-3501 CUI-SP-3501 Datasheet
222Kb / 1P
3.5mm STEREO PLUG
logo
Switchcraft, Inc.
35HDBAU SWITCH-35HDBAU Datasheet
130Kb / 1P
3.5mm STEREO PLUG
logo
Assmann Electronics Inc...
AK243-2 ASSMANN-AK243-2 Datasheet
79Kb / 1P
3.5mm STEREO PLUG
logo
Tripp Lite. All Rights ...
P312006RA TRIPPLITE-P312006RA Datasheet
477Kb / 2P
3.5mm Mini Stereo Audio Cable with one Right Angle plug (M-M), 6-ft
P312-006-RA TRIPPLITE-P312-006-RA Datasheet
158Kb / 2P
3.5mm Mini Stereo Audio Cable with one Right Angle plug (M/M), 6-ft.
logo
SparkFun Electronics
COM-15337 SPARKFUN-COM-15337 Datasheet
112Kb / 2P
TRRS Audio Plug - 3.5mm (Metal)
7??2??9
COM-15438 SPARKFUN-COM-15438 Datasheet
99Kb / 2P
TRS Audio Plug - 3.5mm (Metal)
7??2??9
logo
Molex Electronics Ltd.
732390230 MOLEX-732390230 Datasheet
77Kb / 1P
MX-VNA 3.5MM PLUG TO 3.5MM PLUG CABLE ASSEMBLY
2023/04/24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com