Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP403 Datasheet (PDF) - Texas Instruments

TFP403 Datasheet PDF - Texas Instruments
Part # TFP403
Download  TFP403 Download
File Size   952.23 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TI PanelBus™ DIGITAL RECEIVER

TFP403 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFP403 Datasheet PDF - Texas Instruments

Part # TFP403
Download  TFP403 Click to download

File Size   952.23 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TI PanelBus™ DIGITAL RECEIVER

TFP403 Datasheet (HTML) - Texas Instruments


TFP403 Product details

Supports Pixel Rates Up to 165MHz
(Including 1080p and WUXGA at 60 Hz)
Digital Visual Interface (DVI 1.0)
Specification Compliant1
Pin-for-Pin Compatible With TFP501 for
Simple Upgrade Path to HDCP2
True-Color, 24 Bit/Pixel, 16.7M Colors at
1 or 2-Pixels per Clock
Laser Trimmed (50 Ω) Input Stage for
Optimum Fixed Impedance Matching
Skew Tolerant up to One Pixel Clock Cycle
(High Clock and Data Jitter Tolerance)
4x Over-Sampling for Reduced Bit-Error
Rates and Better Performance Over Longer
Cables
Reduced Power Consumption—1.8-V Core
Operation With 3.3 V I/Os and Supplies3
Reduced Ground Bounce Using Time
Staggered Pixel Outputs
Lowest Noise and Best Power Dissipation
Using PowerPAD™ Packaging
Advanced Technology Using TI 0.18-μm
EPIC-5™ CMOS Process
Supports Hot Plug Detection

description
The Texas Instruments TFP403 is a PanelBus™ flat panel display products, part of a comprehensive family of
end-to-end DVI 1.0 compliant solutions. Targeted primarily at desktop LCD monitors and digital projectors, the
TFP403 finds applications in any design requiring high-speed digital interface.
The TFP403 supports display resolutions up to 1080p and WUXGA in 24-bit true color pixel format. The TFP403
offers design flexibility to drive one or two pixels per clock, supports TFT or DSTN panels, and provides an option
for time staggered pixel outputs for reduced ground bounce.
PowerPAD advanced packaging technology results in best of class power dissipation, footprint, and ultralow
ground inductance.
The TFP403 combines PanelBus™ circuit innovation with TIs advanced 0.18-μm EPIC-5™ CMOS process
technology, along with PowerPAD™ package technology to achieve a reliable, low-powered, low-noise,
high-speed digital interface solution.




Similar Part No. - TFP403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP403 TI-TFP403 Datasheet
293Kb / 18P
TI PANEBUS DIGITAL RECEIVER
TFP403PZP TI1-TFP403PZP Datasheet
367Kb / 20P
Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
TFP403PZPG4 TI1-TFP403PZPG4 Datasheet
367Kb / 20P
Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
TFP403 TI1-TFP403_13 Datasheet
367Kb / 20P
Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
More results


Similar Description - TFP403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401 TI-TFP401 Datasheet
303Kb / 19P
TI PanelBus DIGITAL RECEIVER
TFP513 TI-TFP513 Datasheet
424Kb / 29P
TI PANELBUS DIGITAL TRANSMITTER
TFP503 TI-TFP503 Datasheet
445Kb / 27P
PANELBUS HDCP DIGITAL RECEIVER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
TI PanelBus??DIGITAL RECEIVER
SLDS145B TI-SLDS145B Datasheet
544Kb / 29P
TFP410 TI PanelBus DIGITAL TRANSMITTER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
TFP401x TI PanelBus Digital Receiver
TFP401 TI1-TFP401_18 Datasheet
2Mb / 32P
PanelBus Digital Receiver
TFP410 TI1-TFP410_V01 Datasheet
3Mb / 42P
TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com