Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS5641A Datasheet (PDF) - Texas Instruments

THS5641A Datasheet PDF - Texas Instruments
Part # THS5641A
Download  THS5641A Download
File Size   853.48 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT, 100 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER

THS5641A Datasheet (PDF)

Go To PDF Page Download Datasheet
THS5641A Datasheet PDF - Texas Instruments

Part # THS5641A
Download  THS5641A Click to download

File Size   853.48 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT, 100 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER

THS5641A Datasheet (HTML) - Texas Instruments


THS5641A Product details

Member of the Pin-Compatible
CommsDAC Product Family
100 MSPS Update Rate
8-Bit Resolution
Signal-to-Noise and Distortion Ratio
SINAD) at 5 MHz: 50 dB
Integral Nonlinearity INL: 0.25 LSB
Differential Nonlinearity DNL: 0.25 LSB
1 ns Setup/Hold Time
Glitch Energy: 5 pV-s
Settling Time to 0.1%: 35 ns
Differential Scalable Current Outputs: 2 mA
to 20 mA
On-Chip 1.2-V Reference
3-V and 5-V Single Supply Operation
Straight Binary or Twos Complement Input
Power Dissipation: 100 mW at 3.3 V, Sleep
Mode: 17 mW at 3.3 V
Package: 28-Pin SOIC and TSSOP

description
The THS5641A is an 8-bit resolution digital-to-analog converter (DAC) optimized for video applications and
digital data transmission in wired and wireless communication systems. The 8-bit DAC is a member of the
CommsDAC series of high-speed, low-power CMOS digital-to-analog converters. The CommsDAC family
consists of pin compatible 14-, 12-, 10-, and 8-bit DACs. All devices offer identical interface options, small outline
package and pinout. The THS5641A offers superior ac and dc performance while supporting update rates up
to 100 MSPS.
The THS5641A operates from an analog and digital supply of 3 V to 5.5 V. Its inherent low power dissipation
of 100 mW ensures that the device is well suited for portable and low power applications. Lowering the full-scale
current output reduces the power dissipation without significantly degrading performance. The device features
a SLEEP mode, which reduces the standby power to approximately 17 mW, thereby optimizing the power
consumption for system needs.
The THS5641A is manufactured in Texas Instruments advanced high-speed mixed-signal CMOS process. A
current-source-array architecture combined with simultaneous switching shows excellent dynamic
performance. On-chip edge-triggered input latches and a 1.2 V temperature compensated bandgap reference
provide a complete monolithic DAC solution. The digital supply range of 3 V to 5.5 V supports 3 V and 5 V CMOS
logic families. Minimum data input setup and hold times allow for easy interfacing with external logic. The
THS5641A supports both a straight binary and twos complement input word format, enabling flexible interfacing
with digital signal processors.




Similar Part No. - THS5641A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641A TI-THS5641A Datasheet
703Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641ADW TI-THS5641ADW Datasheet
703Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641AIDW TI-THS5641AIDW Datasheet
703Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641AIDW TI1-THS5641AIDW Datasheet
897Kb / 31P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - THS5641A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641 TI-THS5641 Datasheet
702Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com