Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS5651A Datasheet (PDF) - Texas Instruments

THS5651A Datasheet PDF - Texas Instruments
Part # THS5651A
Download  THS5651A Download
File Size   886.12 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT, 125 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER

THS5651A Datasheet (PDF)

Go To PDF Page Download Datasheet
THS5651A Datasheet PDF - Texas Instruments

Part # THS5651A
Download  THS5651A Click to download

File Size   886.12 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT, 125 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER

THS5651A Datasheet (HTML) - Texas Instruments


THS5651A Product details

Member of the Pin-Compatible
CommsDAC Product Family
125 MSPS Update Rate
10-Bit Resolution
Superior Spurious Free Dynamic Range
Performance (SFDR) to Nyquist at 40 MHz
Output: 62 dBc
1 ns Setup/Hold Time
Differential Scalable Current Outputs: 2 mA
to 20 mA
On-Chip 1.2-V Reference
3 V and 5 V CMOS-Compatible Digital
Interface
Straight Binary or Twos Complement Input
Power Dissipation: 175 mW at 5 V, Sleep
Mode: 25 mW at 5 V
Package: 28-Pin SOIC and TSSOP

description
The THS5651A is a 10-bit resolution digital-to-analog converter (DAC) specifically optimized for digital data
transmission in wired and wireless communication systems. The 10-bit DAC is a member of the CommsDAC
series of high-speed, low-power CMOS digital-to-analog converters. The CommsDAC family consists of pin
compatible 14-, 12-, 10-, and 8-bit DACs. All devices offer identical interface options, small outline package and
pinout. The THS5651A offers superior ac and dc performance while supporting update rates up to 125 MSPS.
The THS5651A operates from an analog supply of 4.5 V to 5.5 V. Its inherent low power dissipation of 175 mW
ensures that the device is well suited for portable and low-power applications. Lowering the full-scale current
output reduces the power dissipation without significantly degrading performance. The device features a
SLEEP mode, which reduces the standby power to approximately 25 mW, thereby optimizing the power
consumption for system needs.
The THS5651A is manufactured in Texas Instruments advanced high-speed mixed-signal CMOS process. A
current-source-array architecture combined with simultaneous switching shows excellent dynamic
performance. On-chip edge-triggered input latches and a 1.2 V temperature compensated bandgap reference
provide a complete monolithic DAC solution. The digital supply range of 3 V to 5.5 V supports 3 V and 5 V CMOS
logic families. Minimum data input setup and hold times allow for easy interfacing with external logic. The
THS5651A supports both a straight binary and twos complement input word format, enabling flexible interfacing
with digital signal processors.
The THS5651A provides a nominal full-scale differential output current of 20 mA and >300 kΩ output
impedance, supporting both single-ended and differential applications. The output current can be directly fed
to the load (e.g., external resistor load or transformer), with no additional external output buffer required. An
accurate on-chip reference and control amplifier allows the user to adjust this output current from 20 mA down
to 2 mA, with no significant degradation of performance. This reduces power consumption and provides 20 dB
gain range control capabilities. Alternatively, an external reference voltage and control amplifier may be applied
in applications using a multiplying DAC. The output voltage compliance range is 1.25 V.




Similar Part No. - THS5651A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651A TI-THS5651A Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651ADW TI-THS5651ADW Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651AIDW TI-THS5651AIDW Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651AIDW TI1-THS5651AIDW Datasheet
953Kb / 33P
10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651AIDWG4 TI1-THS5651AIDWG4 Datasheet
953Kb / 33P
10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - THS5651A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651A TI-THS5651A Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
12-Bit, 125 MSPS Analog-To-Digital Converter
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com