Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS5661A Datasheet (PDF) - Texas Instruments

THS5661A Datasheet PDF - Texas Instruments
Part # THS5661A
Download  THS5661A Download
File Size   897.49 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 125 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER

THS5661A Datasheet (PDF)

Go To PDF Page Download Datasheet
THS5661A Datasheet PDF - Texas Instruments

Part # THS5661A
Download  THS5661A Click to download

File Size   897.49 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 125 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER

THS5661A Datasheet (HTML) - Texas Instruments


THS5661A Product details

Member of the Pin-Compatible
CommsDAC Product Family
125 MSPS Update Rate
12-Bit Resolution
Spurious Free Dynamic Range (SFDR) to
Nyquist at 40 MHz Output: 60 dBc
1 ns Setup/Hold Time
Differential Scalable Current Outputs: 2 mA
to 20 mA
On-Chip 1.2 V Reference
3 V and 5 V CMOS-Compatible Digital
Interface
Straight Binary or Twos Complement Input
Power Dissipation: 175 mW at 5 V, Sleep
Mode: 25 mW at 5 V
Package: 28-Pin SOIC and TSSOP

description
The THS5661A is a 12-bit resolution digital-to-analog converter (DAC) specifically optimized for digital data
transmission in wired and wireless communication systems. The 12-bit DAC is a member of the CommsDAC
series of high-speed, low-power CMOS digital-to-analog converters. The CommsDAC family consists of pin
compatible 14-, 12-, 10-, and 8-bit DACs. All devices offer identical interface options, small outline package, and
pinout. The THS5661A offers superior ac and dc performance while supporting update rates up to 125 MSPS.
The THS5661A operates from an analog and digital supply of 3 V to 5.5 V. Its inherent low power dissipation
of 175 mW ensures that the device is well-suited for portable and low-power applications. Lowering the full-scale
current output reduces the power dissipation without significantly degrading performance. The device features
a SLEEP mode, which reduces the standby power to approximately 25 mW, thereby optimizing the power
consumption for system needs.
The THS5661A is manufactured in Texas Instruments advanced high-speed mixed-signal CMOS process. A
current-source-array architecture combined with simultaneous switching shows excellent dynamic
performance. On-chip edge-triggered input latches and a 1.2 V temperature-compensated bandgap reference
provide a complete monolithic DAC solution. The digital supply range of 3 V to 5.5 V supports 3 V and 5 V CMOS
logic families. Minimum data input setup and hold times allow for easy interfacing with external logic. The
THS5661A supports both a straight binary and twos complement input word format, enabling flexible interfacing
with digital signal processors.
The THS5661A provides a nominal full-scale differential output current of 20 mA and >300 kΩ output
impedance, supporting both single-ended and differential applications. The output current can be directly fed
to the load (e.g., external resistor load or transformer), with no additional external output buffer required. An
accurate on-chip reference and control amplifier allows the user to adjust this output current from 20 mA down
to 2 mA, with no significant degradation of performance. This reduces power consumption and provides 20 dB
gain range control capabilities. Alternatively, an external reference voltage and control amplifier may be applied
in applications using a multiplying DAC. The output voltage compliance range is 1.25 V.




Similar Part No. - THS5661A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661A TI-THS5661A Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
940Kb / 34P
DIGITAL-TO-ANALOG CONVERTER
THS5661ADW TI-THS5661ADW Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661AIDW TI-THS5661AIDW Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661AIPW TI-THS5661AIPW Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - THS5661A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661A TI-THS5661A Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
12-Bit, 125 MSPS Analog-To-Digital Converter
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com