Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7314 Datasheet (PDF) - Texas Instruments

THS7314 Datasheet PDF - Texas Instruments
Part # THS7314
Download  THS7314 Download
File Size   857.0 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain

THS7314 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS7314 Datasheet PDF - Texas Instruments

Part # THS7314
Download  THS7314 Click to download

File Size   857.0 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain

THS7314 Datasheet (HTML) - Texas Instruments


THS7314 Product details

1FEATURES
• 3 SDTV Video Amplifiers for CVBS, S-Video,
Y'P'BP'R 480i/576i, Y'U'V', or G'B'R' (R'G'B')
• Integrated Low-Pass Filters
– 5th-Order 8.5-MHz (–3dB) Butterworth
– –1dB Passband Bandwidth at 7-MHz
– 47dB Attenuation at 27-MHz
• Versatile Input Biasing
– DC-Coupled With 285-mV Output Shift
– AC-Coupled with Sync-Tip Clamp
– Allows AC-Coupled With DC-Biasing
• Built-in 6dB Gain (2V/V)
• 3-V to 5-V Single Supply Operation
• Rail-to-Rail Output:
– Output Swings Within 100-mV From the
Rails Allowing AC or DC Output Coupling
– Able to Drive up to 2 Video Lines – 75 Ω
• Low 16-mA at 3.3-V Total Quiscent Current
• Low Differential Gain/Phase of 0.1% / 0.1°
• SOIC-8 Package

APPLICATIONS
• Set Top Box Output Video Buffering
• PVR/DVDR Output Buffering
• USB/Portable Low Power Video Buffering

DESCRIPTION
Fabricated using the Silicon-Germanium (SiGe)
BiCom-III process, the THS7314 is a low power
single-supply 3-V to 5-V 3-channel integrated video
buffer. It incorporates a 5th-order Butterworth filter
which is useful as a DAC reconstruction filter or an
ADC anti-aliasing filter. The 8.5-MHz filter is a perfect
choice for SDTV video which includes Composite
(CVBS), S-Video, Y'U'V', G'B'R' (R'G'B'), and Y'P'BP'R
480i/576i.
As part of the THS7314 flexibility, the input can be
configured for ac or dc coupled inputs. The 285-mV
output level shift to allow for a full sync dynamic
range at the output with 0-V input. The AC coupled
modes include a transparent sync-tip clamp option for
CVBS, Y', and G'B'R' signals with sync. AC-coupled
biasing for C'/P'B/P'R channels is achieved by adding
an external resistor to Vs+.
The THS7314 is the perfect choice for all output
buffer applications. Its rail-to-rail output stage with
6-dB gain allows for both ac and dc line driving. The ability to drive 2-lines, or 75-Ω loads, allows for
maximum flexibility as a video line driver. The 16-mA
total quiescent current at 3.3-V makes it an excellent
choice for USB powered, portable, or other power
sensitive video applications.
The THS7314 is available in a small SOIC-8 package
that is RoHS compliant.




Similar Part No. - THS7314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI-THS7314 Datasheet
616Kb / 23P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
973Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
969Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
972Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314D TI-THS7314D Datasheet
616Kb / 23P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results


Similar Description - THS7314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI-THS7314 Datasheet
616Kb / 23P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com