Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347 Datasheet (PDF) - Texas Instruments

THS7347 Datasheet PDF - Texas Instruments
Part # THS7347
Download  THS7347 Download
File Size   884.35 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes

THS7347 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS7347 Datasheet PDF - Texas Instruments

Part # THS7347
Download  THS7347 Click to download

File Size   884.35 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes

THS7347 Datasheet (HTML) - Texas Instruments


THS7347 Product details

1FEATURES
2345• 3-Video Amplifiers for CVBS, S-Video, EDTV,
HDTV Y'P'BP'R, G'B'R', and R'G'B' Video
• H/V Sync Paths with Adjustable Schmitt
Trigger
• 2:1 Input Mux
• I2C Control of All Functions on Each Channel
• Unity-Gain Buffer Path for ADC Buffering:
– 500-MHz Bandwidth, 1200-V/μs Slew Rate
• Monitor Pass-Through Function:
– 500-MHz Bandwidth, 1300-V/μs Slew Rate
– 6-dB Gain with SAG Correction Capable
– High Output Impedance in Disable State
• Selectable Input Bias Modes:
– AC-Coupled with Sync-Tip Clamp
– AC-Coupled with Bias
– DC-Coupled with Offset Shift
– DC-Coupled
• +2.7-V to +5-V Single-Supply Operation
• Total Power Consumption: 265 mW at 3.3 V
• Disable Function Reduces Current to 0.1 μA
• Rail-to-Rail Output:
– Output Swings Within 0.1 V of the Rails,
Allowing AC- or DC-Output Coupling
• Lead-free, RoHS TQFP Package

APPLICATIONS
• Projectors
• Professional Video Systems
• LCD/ DLP®/LOCS Input Buffering

DESCRIPTION
Fabricated using the revolutionary complimentary
silicon-germanium (SiGe) BiCom3 process, the
THS7347 is a low-power, single-supply 2.7-V to 5-V
3-channel integrated video buffer with horizontal (H)
and vertical (V) sync signal paths. It incorporates a
500-MHz bandwidth, 1200-V/μs unity-gain buffer ideal
for driving analog-to-digital converters (ADCs) and
video decoders. In parallel with the unity-gain buffer,
a monitor pass-through path allows for passing the
input signal on to other systems. This path has a
6-dB gain, 500-MHz bandwidth, 1300-V/μs slew rate,
SAG correction capability, and high output impedance
while disabled.
Each channel of the THS7347 is individually
I2C-configurable for all functions, including controlling
the 2:1 input mux. Its rail-to-rail output stage allows
for both ac- and dc-coupling applications.




Similar Part No. - THS7347

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7347 TI-THS7347 Datasheet
481Kb / 28P
3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347IPHP TI-THS7347IPHP Datasheet
481Kb / 28P
3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347IPHP TI1-THS7347IPHP Datasheet
1Mb / 33P
3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347IPHPG4 TI1-THS7347IPHPG4 Datasheet
1Mb / 33P
3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347IPHPR TI-THS7347IPHPR Datasheet
481Kb / 28P
3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
More results


Similar Description - THS7347

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7303 TI-THS7303 Datasheet
5Mb / 43P
3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7327 TI-THS7327 Datasheet
395Kb / 26P
3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
logo
Texas Instruments
THS7347 TI-THS7347 Datasheet
481Kb / 28P
3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
logo
Texas Instruments
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
logo
Renesas Technology Corp
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com