Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7374 Datasheet (PDF) - Texas Instruments

THS7374 Datasheet PDF - Texas Instruments
Part # THS7374
Download  THS7374 Download
File Size   901.74 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain

THS7374 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS7374 Datasheet PDF - Texas Instruments

Part # THS7374
Download  THS7374 Click to download

File Size   901.74 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain

THS7374 Datasheet (HTML) - Texas Instruments


THS7374 Product details

1FEATURES
2• 4-SDTV Video Amplifiers for CVBS, S-Video,
Y'P'BP'R 480i/576i, Y'U'V', or G'B'R' (R'G'B')
• Integrated Low-Pass Filters:
– 6th-Order 9.5-MHz (–3 dB) Butterworth
– –1 dB Passband Bandwidth at 8.2-MHz
– 54-dB Attenuation at 27-MHz
• 150-MHz (–3 dB) Filter Bypass Mode
• Versatile Input Biasing
– DC-Coupled with 300-mV Output Shift
– AC-Coupled with Sync-Tip Clamp
– AC-Coupled with Biasing Allowed
• Built-in 6-dB Gain (2 V/V)
• +3-V to +5-V Single-Supply Operation
• Rail-to-Rail Output:
– Output Swings Within 100 mV from the
Rails to Allow AC or DC Output Coupling
– Supports Driving 2 Lines per Channel
• Low 9.6-mA at 3.3-V Total Quiescent Current
• 0.1-mA Disabled Supply Current Function
• Low Differential Gain/Phase of 0.15%/0.3°
• Lead-Free and Green TSSOP-14 Package

APPLICATIONS
• Low-Cost SCART Systems
• Set Top Box Output Video Buffering
• Surveillance Systems

DESCRIPTION
Fabricated using the revolutionary complementary
Silicon-Germanium (SiGe) BiCom3X process, the
THS7374 is a low-power, single-supply 3 V to 5 V
four-channel integrated video buffer. It incorporates a sixth-order Butterworth filter (able to be bypassed)
which is useful as a digital-to-analog converter (DAC)
reconstruction filter or an analog-to-digital converter
(ADC) anti-aliasing filter. The 9.5-MHz filter is a
perfect choice for SDTV video that includes
composite (CVBS), s-video, Y'U'V', G'B'R' (R'G'B'),
and Y'P'BP'R 480i/576i.
As part of the THS7374 flexibility, the input can be
configured for either ac or dc-coupled inputs. The
300-mV output level shift allows for a full sync
dynamic range at the output with 0-V input. The
ac-coupled modes include a transparent sync-tip
clamp option for CVBS, Y', and G'B'R' signals with
sync. AC-coupled biasing for C'/P'B/P'R channels can
easily be achieved by adding an external resistor.
The THS7374 is the perfect choice for all video buffer
applications. Its rail-to-rail output stage with 6-dB gain allows for both ac and dc line driving. The ability to
drive two lines per channel, or 75-Ω loads, allows for
maximum flexibility as a video line driver. The 9.6-mA
total quiescent current at 3.3 V and 0.1-mA disabled
current makes it an excellent choice for portable or
other power-sensitive applications.
The THS7374 is available in a TSSOP-14 package
that is lead-free and green (RoHS) compliant.




Similar Part No. - THS7374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7374 TI-THS7374 Datasheet
817Kb / 37P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7374IPW TI-THS7374IPW Datasheet
817Kb / 37P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7374IPW TI1-THS7374IPW Datasheet
1Mb / 42P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7374IPWG4 TI1-THS7374IPWG4 Datasheet
1Mb / 42P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7374IPWR TI-THS7374IPWR Datasheet
817Kb / 37P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
More results


Similar Description - THS7374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI-THS7314 Datasheet
616Kb / 23P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7374 TI-THS7374 Datasheet
817Kb / 37P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7375 TI-THS7375 Datasheet
918Kb / 36P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7374 TI1-THS7374_16 Datasheet
1Mb / 42P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com