Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2S Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

P2S Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # P2S
Download  P2S Download
File Size   500.97 Kbytes
Page   5 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 6W AC-DC Reliable Green Medical Adaptor

P2S Datasheet (PDF)

Go To PDF Page Download Datasheet
P2S Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # P2S
Download  P2S Click to download

File Size   500.97 Kbytes
Page   5 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 6W AC-DC Reliable Green Medical Adaptor

P2S Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


P2S Product details

■ Features
• 2 pole EURO plug , Class n power unit
• Medical safety approved (2 x MOPP) accroding to EN60601-1
• Extremely low leakage current
• No load power consumption< 0.3W
• Energy efficiency Level V
• Protections: Short circuit / Overload / Over voltage
• Fully enclosed plastic case
• 3 years warranty

■ Applications
• Blood glucose meter
• Blood pressure meter
• Nebulizer
• Inhaler
• Portable medical device

■ Description
GSM06E is a highly reliable, 6W wall-mounted style single-output green medical adaptor series. This product is equipped with a 2-pin (no FG) standard European power plug, adopting the input range from 85VAC to 264VAC. The entire series supplies different output voltages between 5VDC and 24VDC that can satisfy the demands for various kinds of miniature medical devices. The circuitry design meets the international medical standards (2 x MOPP), having an ultra low leakage current (<50pA), fitting the medical devices in direct electrical contact with the patients.
With the efficiency up to 82% and the extreme low no-load power consumption below 0.3W. GSM06E is compliant with EU ErP. The supreme feature allows the adaptor to save the energy when it is either under the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant plastic case, providing the double insulation that effectively prevents electrical shock. GSM06E is approved with the international medical safety certificates.




Similar Part No. - P2S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
POLYPROPYLENE FILM CAPACITORS
logo
SUNMATE electronic Co.,...
P2SMA100A SUNMATE-P2SMA100A Datasheet
910Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
P2SMA100CA SUNMATE-P2SMA100CA Datasheet
910Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
P2SMA10A SUNMATE-P2SMA10A Datasheet
910Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
P2SMA10CA SUNMATE-P2SMA10CA Datasheet
910Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results


Similar Description - P2S

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM06E MEANWELL-GSM06E Datasheet
480Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
GSM06U MEANWELL-GSM06U Datasheet
475Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
GSM40B MEANWELL-GSM40B Datasheet
871Kb / 5P
40W AC-DC Reliable Green Medical Adaptor
GSM90A MEANWELL-GSM90A Datasheet
789Kb / 5P
90W AC-DC Reliable Green Medical Adaptor
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
120W AC-DC Reliable Green Medical Adaptor
GSM160A MEANWELL-GSM160A Datasheet
760Kb / 5P
160W AC-DC Reliable Green Medical Adaptor
GSM220A MEANWELL-GSM220A Datasheet
770Kb / 5P
220W AC-DC Reliable Green Medical Adaptor
GSM12E MEANWELL-GSM12E Datasheet
497Kb / 5P
12W AC-DC Reliable Green Medical Adaptor
GSM12U MEANWELL-GSM12U Datasheet
488Kb / 5P
12W AC-DC Reliable Green Medical Adaptor
GEM06I MEANWELL-GEM06I Datasheet
545Kb / 6P
6W AC-DC Reliable Green Interchangeable Medical Adaptor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com