Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5925 Datasheet (PDF) - Texas Instruments

TLC5925 Datasheet PDF - Texas Instruments
Part # TLC5925
Download  TLC5925 Download
File Size   856.9 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC5925 Low-Power 16-Channel Constant-Current LED Sink Driver

TLC5925 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5925 Datasheet PDF - Texas Instruments

Part # TLC5925
Download  TLC5925 Click to download

File Size   856.9 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC5925 Low-Power 16-Channel Constant-Current LED Sink Driver

TLC5925 Datasheet (HTML) - Texas Instruments


TLC5925 Product details

1 Features
1• 16 Constant-Current Output Channels
• Constant Output Current Invariant to Load Voltage
Change
• Excellent Output Current Accuracy:
– Between Channels: < ±4% (Max)
– Between ICs: < ±6% (Max)
• Constant Output Current Range:
3 mA to 45 mA
• Output Current Adjusted By External Resistor
• Fast Response of Output Current, OE (Min):
100 ns
• 30-MHz Clock Frequency high•
Schmitt-Trigger Inputs
• 3.3-V to 5-V Supply Voltage
• Thermal Shutdown for Overtemperature
Protection
• ESD Performance: 1-kV HBM

2 Applications
• Gaming Machine and Entertainment
• General LED Applications
• LED Display Systems
• Signs LED Lighting
• White Goods

3 Description
The TLC5925 is designed for LED displays and LED
lighting applications. The TLC5925 contains a 16-bit shift register and data latches, which convert serial
input data into parallel output format. At the TLC5925
output stage, 16 regulated-current ports provide
uniform and constant current for driving LEDs within a
wide range of VF variations. Used in system design for LED display applications (such as, LED panels),
the TLC5925 provides great flexibility and device
performance. Users can adjust the output current
from 3 mA to 45 mA through an external resistor,
Rext, which gives flexibility in controlling the light intensity of LEDs. TLC5925 is designed for up to
17 V at the output port. The high clock frequency, 30
MHz, also satisfies the system requirements of high•
volume data transmission.
The serial data is transferred into TLC5925 via SDI,
shifted in the shift register, and transferred out via
SDO. LE can latch the serial data in the shift register
to the output latch. OE enables the output drivers to
sink current.




Similar Part No. - TLC5925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI-TLC5925 Datasheet
705Kb / 23P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDBQR TI-TLC5925IDBQR Datasheet
666Kb / 22P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDBQR TI-TLC5925IDBQR Datasheet
705Kb / 23P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925IDBQR TI1-TLC5925IDBQR Datasheet
1Mb / 28P
Low-Power 16-Channel Constant-Current LED Sink Driver
More results


Similar Description - TLC5925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
16-Channel Constant-Current LED Sink Driver
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
Low-Power 16-Channel Constant-Current LED Sink Driver
logo
STMicroelectronics
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
16-Channel Constant Current Sink for LED Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
16-channel Constant Current LED Sink Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com