Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5930 Datasheet (PDF) - Texas Instruments

TLC5930 Datasheet PDF - Texas Instruments
Part # TLC5930
Download  TLC5930 Download
File Size   869.62 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-CHANNEL LED DRIVER

TLC5930 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5930 Datasheet PDF - Texas Instruments

Part # TLC5930
Download  TLC5930 Click to download

File Size   869.62 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-CHANNEL LED DRIVER

TLC5930 Datasheet (HTML) - Texas Instruments


TLC5930 Product details

FEATURES
0.2-mA to 40-mA (Constant-Current Sink)
Drive Capability x 12 Bits Output Count into
24-Pin HTSSOP Package
1024 Gray-Scale Display (PWM Control 1024
Steps) with Max 25-MHz Clock Frequency
3-Way Brightness Adjustment
– Plane Brightness Adjustment for 64 Steps
(40% to 100%)
– Frequency Division for 16 Steps
(6.3% to 100%)
– Dot Correction for 256 Steps (0% to 100%)
DS–Link Data Input/Output (Data Rate Max
20 Mbps) with Packet Operation
5 Error Information Types and 2 Gray–Scale
Clock Modes
3.3-V VCC and LVTTL Interface

APPLICATION
Full- or Multi-Color LED Display

DESCRIPTION
The TLC5930 is a constant-current sink driver
with an adjustable current value, and 1024 gray
scale display that uses pulse width control. The
output current is 0.2 mA to 40 mA with 12 bits of
RGBx4. The maximum current value of the
constant-current output can be set by one external
resistor.
The TLC5930 includes three kinds of brightness
adjustment functions: one adjusts the plane
brightness between devices, changing the current
values of all outputs uniformly. The second adjusts
the frequency division to controls overall panel
brightness, and the third adjusts the dot correction
per LED, changing the current values of
independent output.
The TLC5930 also includes color–tone correction
function for correcting color per dot (pixel) and
OVM function for constant-current output
terminals used for LED failure detection.
Other features include the thermal error flag
(TEF). The active wire-check (AWC) to check the
communication between the controller and the
device. The LED leakage-detect (LKD) to detect
the reverse leakage on the LED. The GCLK error
flag (GEF) and the HSYNC error flag (HEF) by
monitoring the gray-scale clock count, and the
dual source gray-scale clock (DSG) function to
switch the gray-scale clock to the external input
clock or to switch the internally-generated clock.
The TLC5930 requires three signals for standard
operation: data input and gray-scale clock. Only
three-signal line and 24-pin HTSSOP package
reduce board area and total cost.




Similar Part No. - TLC5930

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5930 TI-TLC5930 Datasheet
779Kb / 39P
12-CHANNEL LED DRIVER
TLC5930 TI2-TLC5930 Datasheet
869Kb / 41P
12-CHANNEL LED DRIVER
MARCH 2002
TLC5930PWP TI-TLC5930PWP Datasheet
779Kb / 39P
12-CHANNEL LED DRIVER
TLC5930PWP TI2-TLC5930PWP Datasheet
869Kb / 41P
12-CHANNEL LED DRIVER
MARCH 2002
TLC5930PWP.B TI2-TLC5930PWP.B Datasheet
869Kb / 41P
12-CHANNEL LED DRIVER
MARCH 2002
More results


Similar Description - TLC5930

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5930 TI-TLC5930 Datasheet
779Kb / 39P
12-CHANNEL LED DRIVER
logo
Sharp Corporation
IR2406 SHARP-IR2406 Datasheet
316Kb / 3P
12-DOT LED DISPLAY DRIVER
logo
Texas Instruments
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
24-Channel, 12-Bit PWM LED Driver with
logo
Linear Dimensions Semic...
LND8925 LINEAR_DIMENSIONS-LND8925 Datasheet
118Kb / 1P
60 V Led Driver, 12 Channel, 40mA
logo
LDT Co., Ltd
LD1512 LDT-LD1512 Datasheet
1Mb / 39P
12 Channel Output LED Driver
logo
Texas Instruments
TLC5930PWPR TI1-TLC5930PWPR Datasheet
804Kb / 40P
12-CHANNEL LED DRIVER
TLC6C5712-Q1 TI1-TLC6C5712-Q1 Datasheet
1Mb / 68P
12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
TLC6C5912 TI1-TLC6C5912 Datasheet
938Kb / 23P
TLC6C5912 12-Channel Shift-Register LED Driver
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
12 Channel Constant Current LED Driver IC
BD18378EFV-M ROHM-BD18378EFV-M Datasheet
1Mb / 30P
Advanced 12 Channel Constant Current LED Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com