Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5973 Datasheet (PDF) - Texas Instruments

TLC5973 Datasheet PDF - Texas Instruments
Part # TLC5973
Download  TLC5973 Download
File Size   884.33 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet™)

TLC5973 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5973 Datasheet PDF - Texas Instruments

Part # TLC5973
Download  TLC5973 Click to download

File Size   884.33 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet™)

TLC5973 Datasheet (HTML) - Texas Instruments


TLC5973 Product details

1 Features
1• Three Constant Sink Current Channels
• Current Capability:
– 2 mA to 35 mA per Channel (VCC ≤ 4.0 V)
– 2 mA to 50 mA per Channel (VCC > 4.0 V)
• Grayscale (GS) Control with PWM:
– 12-Bit (4096 Steps)
• Single-Wire Interface (EasySet)
• Power-Supply (VCC) Voltage Range:
– 3 V to 6 V
• OUT Pins Maximum Voltage: Up to 21 V
• Integrated Shunt Regulator
• Data Transfer Maximum Rate:
– Bits per Second (bps): 3 Mbps
• Internal GS Clock Oscillator: 12 MHz (typ)
• Display Repeat Rate: 2.9 kHz (typ)
• Output Delay Switching to Prevent Inrush Current
• Unlimited Device Cascading
• Operating Temperature: –40°C to 85°C

2 Applications
This device is targeted towards one application.
The primary application for this device is for RGB
LED cluster lamp displays.

3 Description
The TLC5973 is an easy-to-use, 3-channel, 50-mA
constant sink current LED driver. The single-wire,
3-Mbps serial interface (EasySet) provides a solution
for minimizing wiring cost. The LED driver provides
12-bit pulse width modulation (PWM) resolution. The
display repeat rate is achieved at 2.9 kHz (typ) with
an integrated 12-MHz grayscale (GS) clock oscillator.
The driver also provides unlimited cascading
capability.
All output sink constant currents can be set by an
external resistor. The TLC5973 has an internal shunt
regulator that can be used for higher VCC powersupply
voltage applications.




Similar Part No. - TLC5973

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5973 TI1-TLC5973 Datasheet
665Kb / 34P
TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
TLC59731 TI2-TLC59731 Datasheet
735Kb / 32P
TLC59731 3-Channel, 8-Bit, PWM LED Driver With Single-Wire Interface (EasySet)
REVISED OCTOBER 2016
TLC59731D TI-TLC59731D Datasheet
428Kb / 24P
3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
TLC59731D TI2-TLC59731D Datasheet
735Kb / 32P
TLC59731 3-Channel, 8-Bit, PWM LED Driver With Single-Wire Interface (EasySet)
REVISED OCTOBER 2016
More results


Similar Description - TLC5973

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
3 Bit Constant Current LED Driver with PWM Control
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
3-Channel Constant Current LED Driver with Programmable PWM Control
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
Allegro MicroSystems
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
3-Channel Constant-Current LED Driver with Programmable PWM Control
logo
Texas Instruments
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
3-Channel, 12-Bit, PWM Constant-Current LED Driver
logo
Allegro MicroSystems
A6281EESTR-T ALLEGRO-A6281EESTR-T Datasheet
263Kb / 11P
3-Channel Constant Current LED Driver with Programmable PWM Control
logo
Texas Instruments
TLC5973 TI1-TLC5973 Datasheet
665Kb / 34P
TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
3-Channel Constant Current LED Driver With Programmable PWM Outputs
logo
Toshiba Semiconductor
TB62D786FTG TOSHIBA-TB62D786FTG Datasheet
661Kb / 28P
9-channel constant current LED driver with single wire
TB62D787FTG TOSHIBA-TB62D787FTG Datasheet
643Kb / 34P
24-channel constant current LED driver with single wire
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com