Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1501 Datasheet (PDF) - Texas Instruments

TLK1501 Datasheet PDF - Texas Instruments
Part # TLK1501
Download  TLK1501 Download
File Size   789.42 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 0.6 TO 1.5 GBPS TRANSCEIVER

TLK1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLK1501 Datasheet PDF - Texas Instruments

Part # TLK1501
Download  TLK1501 Click to download

File Size   789.42 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 0.6 TO 1.5 GBPS TRANSCEIVER

TLK1501 Datasheet (HTML) - Texas Instruments


TLK1501 Product details

Hot Plug Protection
0.6 to 1.5 Gigabits Per Second (Gbps)
Serializer/Deserializer
High-Performance 64-Pin VQFP Thermally
Enhanced Package (PowerPAD)
2.5 V Power Supply for Low Power
Operation
Programmable Voltage Output Swing on
Serial Output
Interfaces to Backplane, Copper Cables, or
Optical Converters
Rated for Industrial Temperature Range
On-Chip 8-Bit/10-Bit (8B/10B)
Encoding/Decoding, Comma Alignment,
and Link Synchronization
On-Chip PLL Provides Clock Synthesis
From Low-Speed Reference
Receiver Differential Input Thresholds
200 mV Minimum
Typical Power: 250 mW
Loss of Signal (LOS) Detection
Ideal for High-Speed Backplane
Interconnect and Point-to-Point Data Link

description
The TLK1501 is a member of the transceiver family of multigigabit transceivers used in ultrahigh-speed
bidirectional point-to-point data transmission systems. The TLK1501 supports an effective serial interface
speed of 0.6 Gbps to 1.5 Gbps, providing up to 1.2 Gbps of data bandwidth. The TLK1501 is pin-for-pin
compatible with the TLK2500. The TLK1501 is both pin-for-pin compatible with and functionally identical to the
TLK2501, a 1.6 to 2.5 Gbps transceiver, providing a wide range of performance solutions with no required board
layout changes.
The primary application of this chip is to provide very high-speed I/O data channels for point-to-point baseband
data transmission over controlled impedance media of approximately 50 Ω. The transmission media can be
printed-circuit board, copper cables, or fiber-optic cable. The maximum rate and distance of data transfer is
dependent upon the attenuation characteristics of the media and the noise coupling to the environment.
This device can also be used to replace parallel data transmission architectures by providing a reduction in the
number of traces, connector terminals, and transmit/receive terminals. Parallel data loaded into the transmitter
is delivered to the receiver over a serial channel, which can be a coaxial copper cable, a controlled impedance
backplane, or an optical link. It is then reconstructed into its original parallel format. It offers significant power
and cost savings over current solutions, as well as scalability for higher data rate in the future.
The TLK1501 performs data conversion parallel-to-serial and serial-to-parallel. The clock extraction functions
as a physical layer interface device. The serial transceiver interface operates at a maximum speed of 1.5 Gbps.
The transmitter latches 16-bit parallel data at a rate based on the supplied reference clock (GTX_CLK). The
16-bit parallel data is internally encoded into 20 bits using an 8-bit/10-bit (8B/10B) encoding format. The
resulting 20-bit word is then transmitted differentially at 20 times the reference clock (GTX_CLK) rate. The
receiver section performs the serial-to-parallel conversion on the input data, synchronizing the resulting 20-bit
wide parallel data to the extracted reference clock (RX_CLK). It then decodes the 20 bit wide data using
8-bit/10-bit decoding format resulting in 16 bits of parallel data at the receive data terminals (RXD0-15). The
outcome is an effective data payload of 480 Mbps to 1.2 Gbps (16 bits data x the GTX_CLK frequency).
The TLK1501 is housed in a high performance, thermally enhanced, 64-pin VQFP PowerPAD package. Use
of the PowerPAD package does not require any special considerations except to note that the PowerPAD, which
is an exposed die pad on the bottom of the device, is a metallic thermal and electrical conductor. It is
recommended that the TLK1501 PowerPAD be soldered to the thermal land on the board. All ac performance
specifications in this data sheet are measured with the PowerPAD soldered to the test board.




Similar Part No. - TLK1501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1501 TI-TLK1501 Datasheet
407Kb / 26P
0.6 TO 1.5 GBPS TRANCEIVER
TLK1501IRCP TI1-TLK1501IRCP Datasheet
1,004Kb / 32P
0.6 TO 1.5 GBPS TRANSCEIVER
TLK1501IRCPG4 TI1-TLK1501IRCPG4 Datasheet
1,004Kb / 32P
0.6 TO 1.5 GBPS TRANSCEIVER
TLK1501IRCPR TI1-TLK1501IRCPR Datasheet
1,004Kb / 32P
0.6 TO 1.5 GBPS TRANSCEIVER
TLK1501IRCPRG4 TI1-TLK1501IRCPRG4 Datasheet
1,004Kb / 32P
0.6 TO 1.5 GBPS TRANSCEIVER
More results


Similar Description - TLK1501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2501 TI-TLK2501 Datasheet
387Kb / 25P
1.5 TO 2.5 GBPS TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK1501 TI-TLK1501 Datasheet
407Kb / 26P
0.6 TO 1.5 GBPS TRANCEIVER
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
0.6 TO 1.5 GBPS TRANSCEIVER
TLK2501IRCPRG4 TI1-TLK2501IRCPRG4 Datasheet
1,002Kb / 31P
1.5 TO 2.5 GBPS TRANSCEIVER
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
QUAB 0.6 to 1.5 Gbps TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com