Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2217 Datasheet (PDF) - Texas Instruments

TLV2217 Datasheet PDF - Texas Instruments
Part # TLV2217
Download  TLV2217 Download
File Size   793.02 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV2217 Low-Dropout Fixed-Voltage Regulators

TLV2217 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2217 Datasheet PDF - Texas Instruments

Part # TLV2217
Download  TLV2217 Click to download

File Size   793.02 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV2217 Low-Dropout Fixed-Voltage Regulators

TLV2217 Datasheet (HTML) - Texas Instruments


TLV2217 Product details

1 Features
1• Fixed 1.8-V, 2.5-V, and 3.3-V Outputs
• ±1% Maximum Output Voltage Tolerance at
TJ = 25°C
• 500-mV Maximum Dropout Voltage at 500 mA
(3.3-V Option)
• ±2% Output Voltage Variation Across Load and
Temperature
• Internal Overcurrent Limiting
• Internal Thermal-Overload Protection
• Internal Overvoltage Protection

2 Applications
• Electronic Points of Sale
• Medical, Health, and Fitness Applications
• Printers
• Appliances and White Goods
• TV Set-Top Boxes

3 Description
The TLV2217 family of low-dropout regulators offers
a variety of fixed-voltage options that offer a
maximum continuous input voltage of 16 V, making
them more versatile than CMOS regulators. Utilizing
a PNP pass element, these regulators are capable of
sourcing 500 mA of current, with a specified
maximum dropout of 500 mV (3.3-V and 2.5-V
options), making these regulators ideal for lowvoltage
applications. Additionally, the TLV2217
regulators offer very tight output accuracy of ±2%
across operating load and temperature ranges. Other
convenient features the regulators provide are
internal overcurrent limiting, thermal-overload
protection, and overvoltage protection. The TLV2217
family of regulators is available in fixed voltages of
1.8 V, 2.5 V, and 3.3 V.




Similar Part No. - TLV2217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
LOW DROPOUT FIXED VOLTAGE REGULATORS
TLV2217-18 TI-TLV2217-18 Datasheet
394Kb / 13P
LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-18KCS TI-TLV2217-18KCS Datasheet
321Kb / 11P
LOW DROPOUT FIXED VOLTAGE REGULATORS
TLV2217-18KCS TI-TLV2217-18KCS Datasheet
394Kb / 13P
LOW-DROPOUT FIXED-VOLTAGE REGULATOES
More results


Similar Description - TLV2217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
International Rectifier
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
1A Fixed Low Dropout Positive Voltage Regulators
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Texas Instruments
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com