Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2221 Datasheet (PDF) - Texas Instruments

TLV2221 Datasheet PDF - Texas Instruments
Part # TLV2221
Download  TLV2221 Download
File Size   837.51 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS

TLV2221 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2221 Datasheet PDF - Texas Instruments

Part # TLV2221
Download  TLV2221 Click to download

File Size   837.51 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS

TLV2221 Datasheet (HTML) - Texas Instruments


TLV2221 Product details

Output Swing Includes Both Supply Rails
Low Noise . . . 19 nV/√Hz Typ at f = 1 kHz
Low Input Bias Current . . . 1 pA Typ
Fully Specified for Single-Supply 3-V and
5-V Operation
Very Low Power . . . 110 μA Typ
Common-Mode Input Voltage Range
Includes Negative Rail
Wide Supply Voltage Range
2.7 V to 10 V
Macromodel Included

description
The TLV2221 is a single low-voltage operational amplifier available in the SOT-23 package. It offers a
compromise between the ac performance and output drive of the TLV2231 and the micropower TLV2211.
It consumes only 150 μA (max) of supply current and is ideal for battery-powered applications. The device
exhibits rail-to-rail output performance for increased dynamic range in single- or split-supply applications. The
TLV2221 is fully characterized at 3 V and 5 V and is optimized for low-voltage applications.
The TLV2221, exhibiting high input impedance and low noise, is excellent for small-signal conditioning for
high-impedance sources, such as piezoelectric transducers. Because of the micropower dissipation levels
combined with 3-V operation, these devices work well in hand-held monitoring and remote-sensing
applications. In addition, the rail-to-rail output feature with single or split supplies makes this family a great
choice when interfacing with analog-to-digital converters (ADCs).
With a total area of 5.6mm2, the SOT-23 package only requires one third the board space of the standard 8-pin
SOIC package. This ultra-small package allows designers to place single amplifiers very close to the signal
source, minimizing noise pick-up from long PCB traces. TI has also taken special care to provide a pinout that
is optimized for board layout (see Figure 1). Both inputs are separated by GND to prevent coupling or leakage
paths. The OUT and IN− terminals are on the same end of the board to provide negative feedback. Finally, gain
setting resistors and decoupling capacitor are easily placed around the package.




Similar Part No. - TLV2221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2221 TI-TLV2221 Datasheet
593Kb / 29P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2221CDBV TI-TLV2221CDBV Datasheet
593Kb / 29P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2221CDBVR TI1-TLV2221CDBVR Datasheet
731Kb / 32P
Advanced LinCMOS RAIL-TO-RAIL VERY ;OW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2221CDBVRG4 TI1-TLV2221CDBVRG4 Datasheet
731Kb / 32P
Advanced LinCMOS RAIL-TO-RAIL VERY ;OW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2221CDBVT TI1-TLV2221CDBVT Datasheet
731Kb / 32P
Advanced LinCMOS RAIL-TO-RAIL VERY ;OW-POWER SINGLE OPERATIONAL AMPLIFIERS
More results


Similar Description - TLV2221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_07 Datasheet
1Mb / 73P
Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2221CDBVR TI1-TLV2221CDBVR Datasheet
731Kb / 32P
Advanced LinCMOS RAIL-TO-RAIL VERY ;OW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2721IDBVT TI-TLV2721IDBVT Datasheet
693Kb / 28P
Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POEWR SINGLE OPERATIONAL AMPLIFIERS
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com