Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341 Datasheet (PDF) - Texas Instruments

TLV2341 Datasheet PDF - Texas Instruments
Part # TLV2341
Download  TLV2341 Download
File Size   808.46 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS

TLV2341 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2341 Datasheet PDF - Texas Instruments

Part # TLV2341
Download  TLV2341 Click to download

File Size   808.46 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS

TLV2341 Datasheet (HTML) - Texas Instruments


TLV2341 Product details

Wide Range of Supply Voltages Over
Specified Temperature Range:
TA = –40°C to 85°C . . . 2 V to 8 V
Fully Characterized at 3 V and 5 V
Single-Supply Operation
Common-Mode Input-Voltage Range
Extends Below the Negative Rail and up to
VDD –1 V at 25°C
Output Voltage Range Includes Negative
Rail
High Input Impedance . . . 1012 W Typ
Low Noise . . . 25 nV//Hz Typically at
f = 1 kHz (High-Bias Mode)
ESD-Protection Circuitry
Designed-In Latch-Up Immunity
Bias-Select Feature Enables Maximum
Supply Current Range From 17 mA to
1.5 mA at 25°C

description
The TLV2341 operational amplifier has been specifically developed for low-voltage, single-supply applications
and is fully specified to operate over a voltage range of 2 V to 8 V. The device uses the Texas Instruments
silicon-gate LinCMOSE technology to facilitate low-power, low-voltage operation and excellent offset-voltage
stability. LinCMOSE technology also enables extremely high input impedance and low bias currents allowing
direct interface to high-impedance sources.
The TLV2341 offers a bias-select feature, which allows the device to be programmed with a wide range of
different supply currents and therefore different levels of ac performance. The supply current can be set at
17 mA, 250 mA, or 1.5 mA, which results in slew-rate specifications between 0.02 and 2.1 V/ms (at 3 V).
The TLV2341 operational amplifiers are especially well suited to single-supply applications and are fully
specified and characterized at 3-V and 5-V power supplies. This low-voltage single-supply operation combined
with low power consumption makes this device a good choice for remote, inaccessible, or portable
battery-powered applications. The common-mode input range includes the negative rail.
The device inputs and outputs are designed to withstand –100-mA currents without sustaining latch-up. The
TLV2341 incorporates internal ESD-protection circuits that prevents functional failures at voltages up to
2000 V as tested under MIL-STD 883 C, Methods 3015.2; however, care should be exercised in handling these
devices as exposure to ESD may result in the degradation of the device parametric performance.




Similar Part No. - TLV2341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341 Datasheet
745Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341ID TI-TLV2341ID Datasheet
748Kb / 51P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341ID TI1-TLV2341ID Datasheet
745Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341IDG4 TI1-TLV2341IDG4 Datasheet
745Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results


Similar Description - TLV2341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com