Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7701-EP Datasheet (PDF) - Texas Instruments

TLC7701-EP Datasheet PDF - Texas Instruments
Part # TLC7701-EP
Download  TLC7701-EP Download
File Size   810.29 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MICROPOWER SUPPLY VOLTAGE SUPERVISORS

TLC7701-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC7701-EP Datasheet PDF - Texas Instruments

Part # TLC7701-EP
Download  TLC7701-EP Click to download

File Size   810.29 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MICROPOWER SUPPLY VOLTAGE SUPERVISORS

TLC7701-EP Datasheet (HTML) - Texas Instruments


TLC7701-EP Product details

1FEATURES
• Power-On Reset Generator
• Automatic Reset Generation After Voltage
Drop
• Precision Voltage Sensor
• Temperature-Compensated Voltage Reference
• Programmable Delay Time by External
Capacitor
• Supply Voltage Range . . . 2 V to 6 V
• Defined RESET Output from VDD ≥ 1 V
• Power-Down Control Support for Static RAM
With Battery Backup
• Maximum Supply Current of 16 mA
• Power Saving Totem-Pole Outputs

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Extended (–40°C/125°C
and –55°C/125°C), Temperature Ranges(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability

DESCRIPTION
The TLC77xx family of micropower supply voltage supervisors provide reset control, primarily in microcomputer
and microprocessor systems.
During power-on, RESET is asserted when VDD reaches 1 V. After minimum VDD (≥ 2 V) is established, the
circuit monitors SENSE voltage and keeps the reset outputs active as long as SENSE voltage (VI(SENSE)) remains
below the threshold voltage. An internal timer delays return of the output to the inactive state to ensure proper
system reset. The delay time (td) is determined by an external capacitor:
td = 2.1 × 104 × CT (1)
Where
CT is in farads
td is in seconds
Except for the TLC7701, which can be customized with two external resistors, each supervisor has a fixed sense
threshold voltage set by an internal voltage divider. When SENSE voltage drops below the threshold voltage, the
outputs become active and stay in that state until SENSE voltage returns above threshold voltage and the delay
time (td) has expired.




Similar Part No. - TLC7701-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI1-TLC7701-EP Datasheet
1Mb / 21P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI1-TLC7701-EP_16 Datasheet
1Mb / 21P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Similar Description - TLC7701-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
Micropower Supply Voltage Supervisors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com