Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5916 Datasheet (PDF) - Texas Instruments

TLC5916 Datasheet PDF - Texas Instruments
Part # TLC5916
Download  TLC5916 Download
File Size   989.42 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC591x 8-Channel Constant-Current LED Sink Drivers

TLC5916 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5916 Datasheet PDF - Texas Instruments

Part # TLC5916
Download  TLC5916 Click to download

File Size   989.42 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC591x 8-Channel Constant-Current LED Sink Drivers

TLC5916 Datasheet (HTML) - Texas Instruments


TLC5916 Product details

1 Features
• Eight Constant-Current Output Channels
• Output Current Adjusted Through Single External
Resistor
• Constant Output Current Range: 3-mA to 120-mA
per Channel
• Constant Output Current Invariant to Load Voltage
Change
• Open Load, Short Load and Overtemperature
Detection
• 256-Step Programmable Global Current Gain
• Excellent Output Current Accuracy:
– Between Channels: < ±3% (Maximum)
– Between ICs: < ±6% (Maximum)
• Fast Response of Output Current
• 30-MHz Clock Frequency
• Schmitt-Trigger Input
• 3.3-V or 5-V Supply Voltage
• Maximum LED Voltage 20-V
• Thermal Shutdown for Overtemperature
Protection

2 Applications
• General LED Lighting Applications
• LED Display Systems
• LED Signage
• Automotive LED Lighting
• White Goods
• Gaming Machines/Entertainment

3 Description
The TLC591x Constant-Current LED Sink Drivers are
designed to work alone or cascaded. Since each output is independently controlled, they can be
programmed to be on or off by the user. The high
LED voltage (VLED) allows for the use of a single
LED per output or multiple LEDs on a single string.
With independently controlled outputs supplied with
constant current, the LEDs can be combined in parallel to create higher currents on a single string.
The constant sink current for all channels is set
through a single external resistor. This allows
different LED drivers in the same application to sink
various currents which provides optional
implementation of multi-color LEDs. An additional
advantage of the independent outputs is the ability to
leave unused channels floating. The flexibility of the
TLC591x LED drivers is ideal for applications such as
(but not limited to): 7-segment displays, scrolling single color displays, gaming machines, white goods,
video billboards and video panels.




Similar Part No. - TLC5916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
855Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
801Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI1-TLC5916 Datasheet
713Kb / 34P
8-Bit Constant-Current LED Sink Drivers
TLC5916 TI2-TLC5916 Datasheet
774Kb / 35P
TLC591x-Q1 8-Bit Constant-Current LED Sink Drivers
REVISED MAY 2015
More results


Similar Description - TLC5916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
16-Channel Constant-Current LED Sink Drivers
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
8-Bit Constant-Current LED Sink Drivers
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com