Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2262A Datasheet (PDF) - Texas Instruments

TLV2262A Datasheet PDF - Texas Instruments
Part # TLV2262A
Download  TLV2262A Download
File Size   972.74 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Advanced LinCMOS™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS

TLV2262A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2262A Datasheet PDF - Texas Instruments

Part # TLV2262A
Download  TLV2262A Click to download

File Size   972.74 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Advanced LinCMOS™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS

TLV2262A Datasheet (HTML) - Texas Instruments


TLV2262A Product details

1FEATURES
23· Qualified for Automotive Applications
· Output Swing Includes Both Supply Rails
· Low Noise . . . 12 nV/√Hz Typ at f = 1 kHz
· Low Input Bias Current . . . 1 pA Typ
· Fully Specified for Both Single-Supply and
Split-Supply Operation
· Low Power . . . 500 mA Max
· Common-Mode Input Voltage Range Includes
Negative Rail
· Low Input Offset Voltage . . .
950 mV Max at TA = 25°C
· Wide Supply Voltage Range . . . 2.7 V to 8 V
· Macromodel Included

DESCRIPTION
The TLV2262 and TLV2264 are dual and quad low voltage operational amplifiers from Texas Instruments. Both
devices exhibit rail-to-rail output performance for increased dynamic range in single or split supply applications.
The TLV226x family offers a compromise between the micropower TLV225x and the ac performance of the
TLC227x. It has low supply current for battery-powered applications, while still having adequate ac performance
for applications that demand it. This family is fully characterized at 3 V and 5 V and is optimized for low-voltage
applications. The noise performance has been dramatically improved over previous generations of CMOS
amplifiers. Figure 1 depicts the low level of noise voltage for this CMOS amplifier, which has only 200 mA (typ) of
supply current per amplifier.




Similar Part No. - TLV2262A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2262A TI-TLV2262A Datasheet
1Mb / 55P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262A TI1-TLV2262A Datasheet
2Mb / 64P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262A TI1-TLV2262A Datasheet
1Mb / 43P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262A TI1-TLV2262A Datasheet
2Mb / 59P
VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1 Datasheet
2Mb / 64P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Similar Description - TLV2262A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC226X TI-TLC226X Datasheet
932Kb / 59P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com