Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV6003 Datasheet (PDF) - Texas Instruments

TLV6003 Datasheet PDF - Texas Instruments
Part # TLV6003
Download  TLV6003 Download
File Size   783.92 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier

TLV6003 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV6003 Datasheet PDF - Texas Instruments

Part # TLV6003
Download  TLV6003 Click to download

File Size   783.92 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier

TLV6003 Datasheet (HTML) - Texas Instruments


TLV6003 Product details

1 Features
1• Micro-power operation: 1.2 μA (maximum)
• Low input offset voltage: 550 μV (maximum)
• Reverse battery protection up to 18 V
• Rail-to-rail input/output
• Gain bandwidth product: 5.5 kHz
• Specified temperature range:
TA = –40°C to +125°C
• Operating temperature range:
TA = –55°C to +125°C
• Input common-mode range exceeds the rails:
–0.1 V to VCC + 5 V
• Supply voltage range: 2.5 V to 16 V
• Small package:
– 5-pin SOT-23

2 Applications
• Flow transmitter
• Pressure transmitter
• Motion detector (PIR, uWave, and more)
• Blood glucose monitor
• Gas detector

3 Description
The TLV6003 is a nanopower operational amplifier
consuming only 980 nA per channel, while offering
very low maximum offset. Reverse battery protection
guards the amplifier from an overcurrent condition
due to improper battery installation. For harsh
environments, the inputs can be taken 5 V greater
than the positive supply rail without damage to the
device.
The low supply current is coupled with a low input
bias current, enabling the device to be used with high
series resistance input sources, such as PIR motion
detectors and carbon monoxide sensors. DC
accuracy is maintained with a low max offset voltage
of 550 μV (25°C), a typical CMRR of 120 dB, and a
minimum open-loop gain of 112 dB at 2.7 V.
The maximum operating supply voltage is specified
from 2.5 V to 16 V, with electrical characteristics
specified at 2.7 V, 5 V, and 15 V. The 2.5-V operation
makes this device compatible with Li-Ion batterypowered
systems, making the TLV6003 a good
choice for input signal gain and buffering into lowpower
microcontrollers, such as TI’s MSP430.
The TLV6003 is available in a small SOT-23
package.




Similar Part No. - TLV6003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6003 TI1-TLV6003 Datasheet
1Mb / 26P
TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier
TLV6003DBVR TI1-TLV6003DBVR Datasheet
1Mb / 26P
TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier
More results


Similar Description - TLV6003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP284 AD-OP284_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP484 AD-OP484_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
TLV6003 TI1-TLV6003 Datasheet
1Mb / 26P
TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier
TLV2186 TI-TLV2186_V01 Datasheet
1Mb / 39P
TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
logo
Rohm
TLR377HFV-LB ROHM-TLR377HFV-LB Datasheet
1Mb / 20P
High Precision and Input/Output Rail-to-Rail CMOS Operational Amplifier
13.Apr.2022 Rev.001
logo
Texas Instruments
OPA2186 TI-OPA2186_V01 Datasheet
2Mb / 41P
OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com