Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV742P Datasheet (PDF) - Texas Instruments

TLV742P Datasheet PDF - Texas Instruments
Part # TLV742P
Download  TLV742P Download
File Size   906.73 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV742P 200-mA, Small Size, Low-Dropout Linear Voltage Regulator

TLV742P Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV742P Datasheet PDF - Texas Instruments

Part # TLV742P
Download  TLV742P Click to download

File Size   906.73 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV742P 200-mA, Small Size, Low-Dropout Linear Voltage Regulator

TLV742P Datasheet (HTML) - Texas Instruments


TLV742P Product details

1 Features
1• Input Voltage Range From 2 V to 5.5 V
• Fixed-Output Voltage Combinations Possible
From 0.85 V to 5 V in 50-mV Steps(1)
• 0.5% Typical Accuracy
• High PSRR:
– 55 dB at 1 MHz
• IQ When Enabled: 25 μA
• IQ When Disabled: 1 μA
• Active Output Discharge
• Thermal Shutdown and Overcurrent Protection
• Package:
– 1-mm × 1-mm DQN (X2SON)

2 Applications
• Point of Sale
• Camera and Machine Vision Modules
• Gaming and Toys
• Building Automation and Video Surveillance
• TVs and Set-Top Boxes

3 Description
The TLV742P series of low-dropout linear voltage
regulators (LDOs) are optimized to providing
excellent performance by supporting a wide output
voltage range. The LDOs can directly regulate a
single cell Li-ion battery input-to-output voltage as low
as 0.85 V. If used to post-regulate a DC-DC
converter output, the high PSRR of 55 dB at 1 MHz
suppresses ripple to provide a stable low-noise, wellregulated
VOUT.
The TLV742P has an active output discharge feature
that helps ensure the output is kept low while the
system is disabled, in standby mode, or in sleep
mode. Additionally, overcurrent protection is present
to protect the device in the event of an output short
along with thermal shutdown to prevent overheating.
The TLV742P series of voltage regulators are
available in a 1 mm × 1 mm X2SON package to
minimize PCB area.




Similar Part No. - TLV742P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TLV742P TI1-TLV742P Datasheet
538Kb / 26P
200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TLV742P TI2-TLV742P Datasheet
907Kb / 31P
TLV742P 200-mA, Small Size, Low-Dropout Linear Voltage Regulator
SEPTEMBER 2017
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TLV742P TI2-TLV742P_V01 Datasheet
907Kb / 31P
TLV742P 200-mA, Small Size, Low-Dropout Linear Voltage Regulator
SEPTEMBER 2017
More results


Similar Description - TLV742P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
LOW-DROPOUT 200-mA LINEAR REGULATOR
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
200 mA Low Dropout Linear Regulator
REV. C
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
500-mA, Low IQ, Small Size, Low Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com